Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF439WF11 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF439WF11
Description  This specification shall cover the characteristics of SAW filter With F439W used for the page
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF439WF11 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF439WF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF439WF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF439WF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF439WF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF439WF11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF439W
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1. SCOPE
This specification shall cover the characteristics of SAW filter With F439W used for the page
system.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
2-1.Typical frequency response
2-2.Electrical characteristics
Part number
F439W
Unit
Nominal center frequency (Fo)
439
MHz
Insertion Loss
1.fo-50~fo-16.5 MHz
4.fo±6.0 MHz
5.fo +18~ fo +50MHz
48min
3.0max
50min
dB
Ripple (with Fo ±6.0MHz)
2.0max
dB
Input/Output Impedance(Nominal)
50//0
Ω/pF


Similar Part No. - HDF439WF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF430AS4 SHOULDER-HDF430AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With 430MHz used for the page
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF43396MS3 SHOULDER-HDF43396MS3 Datasheet
213Kb / 9P
   Ceramic package QCC8C
HDF433CS4 SHOULDER-HDF433CS4 Datasheet
162Kb / 8P
   Ultrasonic vibration may cause deterioration & destruction of the component
HDF433M1S6 SHOULDER-HDF433M1S6 Datasheet
315Kb / 9P
   High stability and reliability with good performance and no adjustment
More results

Similar Description - HDF439WF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
HDF302AS3 SHOULDER-HDF302AS3 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF302A used for the page
HDF398AS4 SHOULDER-HDF398AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F398A used for the page
HDF415CS3 SHOULDER-HDF415CS3 Datasheet
175Kb / 7P
   This specification shall cover the characteristics of SAW filter With F415 used for the page
HDF426ANF11 SHOULDER-HDF426ANF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F426AN used for the page
HDF428WS4 SHOULDER-HDF428WS4 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F428W used for the page
HDF440CS3 SHOULDER-HDF440CS3 Datasheet
177Kb / 8P
   This specification shall cover the characteristics of SAW filter With F440C used for the page
HDF450BS3 SHOULDER-HDF450BS3 Datasheet
167Kb / 8P
   This specification shall cover the characteristics of SAW filter With F450B used for the page
HDF455A1S4 SHOULDER-HDF455A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F455A1 used for the page
HDF458CS4 SHOULDER-HDF458CS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F458C used for the page
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com