Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-0413Q0001KI1T Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC400-0413Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-0413Q0001KI1T Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC400-0413Q0001KI1T Datasheet HTML 1Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 2Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 3Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-0413Q0001KI1T Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 3
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
Operational Description
The DSC400 is a crystal-less™ clock generator. Unlike older clock generators in the industry, it
does not require an external crystal to operate; it relies on the integrated MEMS resonator that
interfaces with internal PLLs. This technology enhances performance and reliability by allowing
tighter frequency stability over a far wider temperature range. In addition, the higher resistance to
shock and vibration decreases the aging rate to allow for much improved product life in the system.
Inputs
There are 4 input signals in the device. Each has an internal (40kΩ) pull up to default the selection
to a high (1). Inputs can be controlled through hardware strapping method with a resistor to
ground to assert the input low (0). Inputs may also be controlled by other components’ GPIOs
In case more than one frequency set is desired, FSB1 and FSB2 are used for independently
selecting one of two sets per bank. FSB1 selects the pre-configured set on Bank1 (CLK0 and CLK3)
and FSB2 selects the pre-configured set on Bank2 (CLK1 and CLK2), as shown in table 2.
If there is a requirement to disable outputs, the inputs OE1 and OE2 are used in conjunction to
disable the banks of outputs. Outputs are disabled in tristate (Hi-Z) mode, see Table 1 below.
Table 1: Output Enable (OE) Selection Table
OE1 OE2 Bank1 (CLK0 & CLK3) Bank2 (CLK1 & CLK2)
0
0
Hi-Z
Hi-Z
0
1
Hi-Z
Running
1
0
Running
Hi-Z
1
1
Running
Running
Outputs
The four outputs are grouped into two banks. Each bank is supplied by an independent VDD to
allow for optimized noise isolation between the two banks. Each bank provides two synchronous
outputs generated by a common PLL:
 Bank1 is composed of outputs CLK0 and CLK3
 Bank2 is composed of outputs CLK1 and CLK2
Each output maybe pre-configured independently to be one of the following formats: LVCMOS,
LVDS, LVPECL or HCSL. In case the output is configured to be the single ended LVCMOS, the
frequency is generated on the true output (CLKx+) and the complement output (CLKx-) is shut off
in a low state. Frequencies can be chosen from 2.3MHz to 460MHz for differential outputs and from
2.3MHz to 170MHz on LVCMOS outputs.
Power
VDD1 and VDD2 supply the power to banks 1 and 2 respectively. Each VDD may have different
supply voltage from the other as long as it is within the 2.25V to 3.6V range. Each VDD pin should
have a 0.1µF capacitor to filter high frequency noise. VSS is common to the entire device.


Similar Part No. - DSC400-0413Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-0413Q0001KI1T MICROCHIP-DSC400-0413Q0001KI1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-0413Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com