Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST600H Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # PST600H
Description  System Reset Monolithic IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST600H Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  PST600H Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST600H Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST600H Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST600H Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST600H Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI
System Reset PST600
ICCL
(
µA)
Ta (°C)
-40
-20
0
20
40
60
80
4
5
6
7
8
9
ICCL (IOL=0mA) vs. Ta
VOL
(mV)
IOL (mA)
02
46
8
10
12
0
100
200
300
400
500
IOL
(mA)
Ta (°C)
-40
-20
0
20
40
60
80
10
20
30
40
50
60
IOL vs. Ta
VOL vs. IOL
Application Circuits
1. Normal hard reset
Delay Time (tPLH)
CL : µF
Vs CPU : CPU, MPU reset threshold voltage
RL : k
Voltage : V
Note : When VCC line impedance is high, connect a
capacitor between IC Pins 1 and 2.
2. Manual Reset
Note : Prevent Manual SW chattering by using RL , CL
and Rm. Rm setting conditions are as follows :
Rm <
= 1/20 RL
Note : When VCC line impedance is high,connect a
capacitor between IC Pins 1 and 2.
VCC
·=·CL RL
[ln ———————————— ]+0.040 (mS)
VCC- (VS CPU+0.2)


Similar Part No. - PST600H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PST60 WALL-PST60 Datasheet
112Kb / 3P
   Switching Power Supply
More results

Similar Description - PST600H

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com