Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1842A-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UC1842A-EP
Description  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC1842A-EP Datasheet HTML 7Page - Texas Instruments UC1842A-EP Datasheet HTML 8Page - Texas Instruments UC1842A-EP Datasheet HTML 9Page - Texas Instruments UC1842A-EP Datasheet HTML 10Page - Texas Instruments UC1842A-EP Datasheet HTML 11Page - Texas Instruments UC1842A-EP Datasheet HTML 12Page - Texas Instruments UC1842A-EP Datasheet HTML 13Page - Texas Instruments UC1842A-EP Datasheet HTML 14Page - Texas Instruments UC1842A-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
Feature Description (continued)
Figure 3. Inductor Looks Like a Current Source to Small Signals
A. Direct duty cycle control
B. Current mode control
Figure 4. Required Error Amplifier Compensation for Continuous Inductor Current Designs
9.3.1 UVLO
The UVLO circuit ensures that VCC is adequate to make the UC184xA fully operational before enabling the
output stage. Figure 5 shows that the UVLO turn-on and turn-off thresholds are fixed internally at 16 V and 10 V,
respectively. The 6-V hysteresis prevents VCC oscillations during power sequencing. Figure 6 shows supply
current requirements. Start-up current is <1 mA for efficient bootstrapping from the rectified input of an off-line
converter, as shown in Figure 7. During normal circuit operation, VCC is developed from auxiliary winding, WAux,
with D1 and CIN. However, at start-up, CIN must be charged to 16 V through RIN. With a start-up current of 1 mA,
RIN can be as large as 100 kΩ and still charge CIN when VAc = 90-V RMS (low line). Power dissipation in RIN
would then be less than 350 mW even under high line (VAc = 130-V RMS) conditions.
During UVLO, the output driver is in a low state. While it does not exhibit the same saturation characteristics as
normal operation, it can easily sink 1 mA, enough to ensure the MOSFET is held off.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Similar Part No. - UC1842A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UC1842A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com