Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8670409VPA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670409VPA
Description  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670409VPA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-8670409VPA Datasheet HTML 5Page - Texas Instruments 5962-8670409VPA Datasheet HTML 6Page - Texas Instruments 5962-8670409VPA Datasheet HTML 7Page - Texas Instruments 5962-8670409VPA Datasheet HTML 8Page - Texas Instruments 5962-8670409VPA Datasheet HTML 9Page - Texas Instruments 5962-8670409VPA Datasheet HTML 10Page - Texas Instruments 5962-8670409VPA Datasheet HTML 11Page - Texas Instruments 5962-8670409VPA Datasheet HTML 12Page - Texas Instruments 5962-8670409VPA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
7
5
4
2
1
3
8
7
6
5
V
CC
Gnd
R
T/CT
V
FB
Comp
C/S
V
REF
5.0 V
50 mA
V
C
Output
Pwr
Ground
PWM
Latch
5-V
REF
S/R
UVLO
34 V
2.5 V
Osc
Error
Amplifier
2R
R
1 V
Current
Sense
Comparator
Internal
Bias
V
Good
Logic
REF
S
R
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
9 Detailed Description
9.1 Overview
The UC184xA-SP control IC is a pin-for-pin compatible improved version of the UC184x family. Providing the
necessary features to control current-mode switched-mode power supplies, this device has the following
improved features. Startup current is specified to be less than 0.5 mA. Oscillator discharge is trimmed to 8.3 mA.
During UVLO, the output stage can sink at least 10 mA at less than 1.2 V for VCC over 5 V.
9.2 Functional Block Diagram
9.3 Feature Description
UC184xA is a current mode controller, used to support various topologies such as forward, flyback, Buck, Boost
and using an external interface circuit will also support half-bridge, full bridge, and push-pull configurations.
Figure 2 shows the two-loop current-mode control system in a typical buck regulator application. A clock signal
initiates power pulses at a fixed frequency. The termination of each pulse occurs when an analog of the inductor
current reaches a threshold established by the error signal. In this way, the error signal actually controls peak
inductor current. This contrasts with conventional schemes in which the error signal directly controls pulse width
without regard to inductor current.
Several performance advantages result from the use of current-mode control. First, an input voltage feed-forward
characteristic is achieved; that is, the control circuit instantaneously corrects for input voltage variations without
using up any of the error amplifier’s dynamic range. Therefore, line regulation is excellent and the error amplifier
can be dedicated to correcting for load variations exclusively.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Similar Part No. - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670409VPA TI1-5962-8670409VPA Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
5962-8670409VPA TI1-5962-8670409VPA Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com