Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8670406VPA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670406VPA
Description  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670406VPA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-8670406VPA Datasheet HTML 3Page - Texas Instruments 5962-8670406VPA Datasheet HTML 4Page - Texas Instruments 5962-8670406VPA Datasheet HTML 5Page - Texas Instruments 5962-8670406VPA Datasheet HTML 6Page - Texas Instruments 5962-8670406VPA Datasheet HTML 7Page - Texas Instruments 5962-8670406VPA Datasheet HTML 8Page - Texas Instruments 5962-8670406VPA Datasheet HTML 9Page - Texas Instruments 5962-8670406VPA Datasheet HTML 10Page - Texas Instruments 5962-8670406VPA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
8.6 Electrical Characteristics (Radiation-Improved Devices)
VCC = 15 V, RT = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ = 25°C, IO = 1 mA
4.94
5
5.06
V
Line regulation
VCC = 12 to 25 V
6
20
mV
Load regulation
IL = 1 to 20 mA
6
25
mV
Total output variation
Over line, load, and temperature
4.9
5.1
V
Output noise voltage
10 Hz
≤ ƒ ≤ 10 kHz, TJ = 25°C
50
μV
Short-circuit output current
–30
–100
–180
mA
OSCILLATOR
Initial accuracy
TJ = 25°C
47
52
57
kHz
Voltage stability
VCC = 12 to 25 V
0.2%
1%
Temperature stability
TJ = –55°C to 125°C
5%
Amplitude
VRT/CT peak to peak
1.7
V
TJ = 25°C, VRT/CT = 2 V
7.8
8.3
8.8
Discharge current(2)
mA
VRT/CT = 2 V
7.5
8.8
ERROR AMPLIFIER
Input voltage
VComp = 2.5 V
2.45
2.50
2.55
V
Input bias current
–0.3
–1
μA
Open-loop voltage gain
VO = 2 to 4 V
65
90
dB
Unity-gain bandwidth
TJ = 25°C
(3)
0.7
1
MHz
PSRR
VCC = 12 to 25 V
60
70
dB
Output sink current
VFB = 2.7 V, VComp = 1.1 V
2
6
mA
Output source current
VFB = 2.3 V, VComp = 5 V
–0.5
–0.8
mA
High-level output voltage
VFB = 2.3 V, RL = 15 kΩ to ground
5
6
V
Low-level output voltage
VFB = 2.7 V, RL = 15 kΩ to VREF
0.7
1.1
V
CURRENT SENSE
Gain(4) (5)
2.85
3
3.15
V/V
Maximum input signal
VComp = 5 V
(4)
0.9
1
1.1
V
PSRR
VCC = 12 to 25 V
(4)
70
dB
Input bias current
–2
–10
μA
Delay to output
VISENSE = 0 to 2 V
(3)
150
300
ns
OUTPUT
ISINK = 20 mA
0.1
0.4
V
Output low-level voltage
ISINK = 200 mA
1.5
2.2
V
ISOURCE = 20 mA
13
13.5
V
Output high-level voltage
ISOURCE = 200 mA
12
13.0
V
Rise time
CL = 1 nF, TJ = 25°C
(3)
50
150
ns
Fall time
CL = 1 nF, TJ = 25°C
(3)
50
150
ns
UVLO saturation
VCC = 5 V, ISINK = 10 mA
0.7
1.2
V
UNDERVOLTAGE LOCKOUT
Start threshold
7.8
8.4
9
V
Minimum operation voltage after turn-on
7
7.6
8.2
V
(1)
Electrical table applicable to radiation-improved 5962-8670409 device type
(2)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 μA of current to the measurement. The total
current flowing into the RT or CT pin will be approximately 300 μA higher than the measured value.
(3)
Parameters ensured by design and/or characterization, if not production tested.
(4)
Parameter measured at trip point of latch with VFB = 0 V.
(5)
Gain defined as: G =
ΔVComp/ΔVISENSE; VISENSE = 0 to 0.8 V.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Similar Part No. - 5962-8670406VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670406VPA TI-5962-8670406VPA Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
5962-8670406VPA TI-5962-8670406VPA Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670406VPA TI1-5962-8670406VPA Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
5962-8670406VPA TI1-5962-8670406VPA Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - 5962-8670406VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com