Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2172IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2172IDR
Description  36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2172IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2172IDR Datasheet HTML 5Page - Texas Instruments TLV2172IDR Datasheet HTML 6Page - Texas Instruments TLV2172IDR Datasheet HTML 7Page - Texas Instruments TLV2172IDR Datasheet HTML 8Page - Texas Instruments TLV2172IDR Datasheet HTML 9Page - Texas Instruments TLV2172IDR Datasheet HTML 10Page - Texas Instruments TLV2172IDR Datasheet HTML 11Page - Texas Instruments TLV2172IDR Datasheet HTML 12Page - Texas Instruments TLV2172IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
TLV172, TLV2172, TLV4172
www.ti.com
SBOS784 – NOVEMBER 2016
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The input range can be extended beyond (V+) – 2 V up to V+. See the Typical Characteristics and Application and Implementation
sections for additional information.
7.7 Electrical Characteristics
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
TA = 25°C
0.5
1.7
mV
TA = –40°C to +125°C
2
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
1
µV/°C
PSRR
Power-supply rejection ratio
VS = 4 V to 36 V, TA = –40°C to +125°C
100
120
dB
Channel separation, dc
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±10
pA
IOS
Input offset current
TA = 25°C
±2
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.5
µVPP
en
Input voltage noise density
f = 100 Hz
14
nV/
√Hz
f = 1 kHz
9
nV/
√Hz
in
Input current noise density
f = 1 kHz
1.6
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range(1)
(V–) –
0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio
VS = ±18 V, (V–) – 0.1 V < VCM < (V+) – 2 V,
TA = –40°C to +125°C
94
116
dB
INPUT IMPEDANCE
Differential
100 || 4
MΩ || pF
Common-mode
6 || 4
1013 Ω ||
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.35 V < VO < (V+) – 0.35 V, TA = –40°C to +125°C
97
115
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V,
RL = 2 kΩ, TA = –40°C to +125°C
107
FREQUENCY RESPONSE
GBP
Gain bandwidth product
10
MHz
SR
Slew rate
G = +1
10
V/µs
tS
Settling time
To 0.1%, VS = ±18 V, G = +1, 10-V step
2
µs
To 0.01% (12-bit), VS = ±18 V, G = +1, 10-V step
3.2
Overload recovery time
VIN × gain > VS
200
ns
THD+N
Total harmonic distortion + noise
VS = 36 V, G = +1, f = 1 kHz, VO = 3.5 VRMS
0.0002%
OUTPUT
VO
Voltage output swing from rail
VS = ±18 V, RL = 10 kΩ
TA = 25°C
70
mV
TA = –40°C to +125°C
95
VS = ±18 V, RL = 2 kΩ
TA = 25°C
330
400
TA = –40°C to +125°C
470
530
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
60
Ω
POWER SUPPLY
VS
Specified voltage range
4.5
36
V
IQ
Quiescent current per amplifier
IO = 0 A, TA = –40°C to +125°C
1.6
2.3
mA


Similar Part No. - TLV2172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV2172QDGKRQ1 TI1-TLV2172QDGKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
More results

Similar Description - TLV2172IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com