Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP111-EP Datasheet HTML 2Page - Texas Instruments CDCLVP111-EP Datasheet HTML 3Page - Texas Instruments CDCLVP111-EP Datasheet HTML 4Page - Texas Instruments CDCLVP111-EP Datasheet HTML 5Page - Texas Instruments CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments CDCLVP111-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IL
IH
V
V -
6
CDCLVP111-SP
SCAS946 – NOVEMBER 2016
www.ti.com
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
6.6 LVPECL DC Electrical Characteristics
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V over operating temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEE
Supply internal
current
Absolute value of current
–55°C, 25°C, 125°C
30
85
mA
ICC
Output and internal
supply current
All outputs terminated 50
Ω to VCC – 2 V
-55°C, 25°C
385
mA
125°C
405
IIN
Input current
Includes pullup and pulldown resistors
VIH = VCC, VIL= VCC – 2 V
–55°C, 25°C, 125°C
–150
150
μA
VBB
Internally generated
bias voltage
VCC = 3 V to 3.8 V, IBB= –0.2 mA
–55°C, 25°C, 125°C
VCC – 1.45
VCC – 1.3
VCC – 1.125
V
VCC = 2.375 V to 2.75 V, IBB = –0.2 mA
–55°C, 25°C, 125°C
VCC – 1.3
VCC – 1.25
VCC – 1.1
VIH
High-level input
voltage (CLK_SEL)
–55°C, 25°C, 125°C
VCC – 1.165
VCC – 0.88
V
VIL
Low-level input
voltage (CLK_SEL)
–55°C, 25°C, 125°C
VCC – 1.81
VCC – 1.475
V
VID
Input amplitude
(CLKn, CLKn)
Difference of input, see (1),
–55°C, 25°C, 125°C
0.5
1.3
V
VCM
Common-mode
voltage (CLKn, CLKn)
DC offset relative to VEE
–55°C, 25°C, 125°C
1
VCC – 0.3
V
VOH
High-level output
voltage
IOH = –21 mA
–55°C
VCC – 1.26
VCC – 0.85
V
25°C
VCC – 1.2
VCC – 0.85
125°C
VCC – 1.15
VCC – 0.8
VOL
Low-level output
voltage
IOL = –5 mA
25°C
VCC – 1.85
VCC – 1.425
V
–55°C, 125°C
VCC – 1.85
VCC – 1.25
VOD
Differential output
voltage swing
Terminated with 50
Ω to VCC – 2 V,
see Figure 4
–55°C, 25°C, 125°C
350
mV
(1)
Specified by bench characterization and is not tested in production.
6.7 AC Electrical Characteristics
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = –2.375 V to –3.8 V over operating
temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Differential propagation delay CLKn,
CLKn to all Q0, Q0… Q9, Q9
See note D in Figure 2
100
355
ps
tsk(o)
Output-to-output skew
See notes A and D in Figure 2
15
50
ps
tsk(pp)
Part-to-part skew
See notes B and D in Figure 2
70
ps
taj
Additive phase jitter(1)
Integration bandwidth of 20 kHz to 20 MHz,
fout = 200 MHz at 25°C
0.125
0.8
ps
f(max)
Maximum frequency(1)
Functional up to 3.5 GHz, see Figure 4
3500
MHz
tr/tf
Output rise and fall time (20%, 80%)
See note D in Figure 2
240
ps


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com