Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7049-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7049-Q1
Description  ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7049-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7049-Q1 Datasheet HTML 3Page - Texas Instruments ADS7049-Q1 Datasheet HTML 4Page - Texas Instruments ADS7049-Q1 Datasheet HTML 5Page - Texas Instruments ADS7049-Q1 Datasheet HTML 6Page - Texas Instruments ADS7049-Q1 Datasheet HTML 7Page - Texas Instruments ADS7049-Q1 Datasheet HTML 8Page - Texas Instruments ADS7049-Q1 Datasheet HTML 9Page - Texas Instruments ADS7049-Q1 Datasheet HTML 10Page - Texas Instruments ADS7049-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Reference Voltage (V)
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
D005
SNR
SINAD
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-90
-87
-84
-81
-78
-75
D006
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
D003
SNR
SINAD
Input Frequency (Hz)
0
25
50
75
100
125
150
175
200
225
250
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
D004
SNR
SINAD
Frequency (kHz)
0
200
400
600
800
1000
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D001
Frequency (kHz)
0
200
400
600
800
1000
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D002
7
ADS7049-Q1
www.ti.com
SBAS763 – NOVEMBER 2016
Product Folder Links: ADS7049-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 2 MSPS (unless otherwise noted)
SNR = 70.29 dB, THD = –84.04 dB, fIN = 2 kHz,
number of samples = 65536
Figure 2. Typical FFT
SNR = 69.92 dB, THD = –80.05 dB, fIN = 250 kHz,
number of samples = 65536
Figure 3. Typical FFT
fIN = 2 kHz
Figure 4. SNR and SINAD vs Temperature
Figure 5. SNR and SINAD vs Input Frequency
fIN = 2 kHz
Figure 6. SNR and SINAD vs Reference Voltage (AVDD)
fIN = 2 kHz
Figure 7. THD vs Temperature


Similar Part No. - ADS7049-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7049-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7029-Q1 TI1-ADS7029-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7046 TI1-ADS7046 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com