Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12429AFNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBC12429AFNR2G
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429AFNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBC12429AFNR2G Datasheet HTML 3Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 4Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 5Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 6Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 7Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 8Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 9Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 10Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NBC12429, NBC12429A
http://onsemi.com
7
Table 8. AC CHARACTERISTICS (VCC = 3.125 V to 5.25 V; TA = 0°C to 70°C (NBC12429), TA = −40°C to 85°C (NBC12429A))
(Note 6)
Symbol
Characteristic
Condition
Min
Max
Unit
FMAXI
Maximum Input Frequency
S_CLOCK
Xtal Oscillator
(Note 7)
10
10
20
MHz
FMAXO
Maximum Output Frequency
VCO (Internal)
FOUT
200
25
400
400
MHz
tjitter(pd)
Period Jitter @ 3.3 V
10000 WFMS
(See Table 13 for Typical Values)
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
25
9.0
6.0
9.0
5.0
4.0
psRMS
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
146
71
53
125
60
54
psPP
Period Jitter @ 5.0 V
10000 WFMS
(See Table 13 for Typical Values)
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
25
9.0
6.0
10
6.0
5.0
psRMS
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
168
69
57
133
49
108
psPP
tjitter(cyc−cyc) Cycle−to−Cycle @ 3.3 V
1000 WFMS
(See Table 13 for Typical Values)
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
20
11
8.0
17
10
9.0
psRMS
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
150
105
77
208
94
89
psPP
Cycle−to−Cycle @ 5.0 V
1000 WFMS
(See Table 13 for Typical Values)
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
25
12
8.0
18
11
10
psRMS
25 MHz < fOUT < 100 MHz, M = 200
25 MHz < fOUT < 100 MHz, M = 300
25 MHz < fOUT < 100 MHz, M = 400
100 MHz < fOUT < 400 MHz, M = 200
100 MHz < fOUT < 400 MHz, M = 300
100 MHz < fOUT < 400 MHz, M = 400
192
131
76
164
128
186
psPP
tLOCK
Maximum PLL Lock Time
10
ms
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
6. FOUT/FOUT outputs are terminated through a 50 W resistor to VCC − 2.0 V.
7. 10 MHz is the maximum frequency to load the feedback divide registers. S_CLOCK can be switched at higher frequencies when used
as a test clock in TEST_MODE 6.


Similar Part No. - NBC12429AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429AFNR2G ONSEMI-NBC12429AFNR2G Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12429AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com