Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2042AF-08TR Datasheet(PDF) 1 Page - ON Semiconductor

Part # P2042AF-08TR
Description  LCD Panel EMI Reduction IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2042AF-08TR Datasheet(HTML) 1 Page - ON Semiconductor

  P2042AF-08TR Datasheet HTML 1Page - ON Semiconductor P2042AF-08TR Datasheet HTML 2Page - ON Semiconductor P2042AF-08TR Datasheet HTML 3Page - ON Semiconductor P2042AF-08TR Datasheet HTML 4Page - ON Semiconductor P2042AF-08TR Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 6
1
Publication Order Number:
P2042A/D
P2042A
LCD Panel EMI Reduction IC
Product Description
The P2042A is a versatile spread spectrum frequency modulator
designed specifically for digital flat panel applications. The P2042A
reduces electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of down stream clock and data
dependent signals. The P2042A allows significant system cost savings
by reducing the number of circuit board layers, ferrite beads,
shielding, and other passive components that are traditionally required
to pass EMI regulations.
The P2042A uses the most efficient and optimized modulation
profile approved by the FCC and is implemented in a proprietary all
digital method.
The P2042A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The P2042A is targeted towards digital flat panel applications for
notebook PCs, palm−size PCs, office automation equipments, and
LCD monitors.
Features
FCC Approved Method of EMI Attenuation
Provides up to 15 dB of EMI Suppression
Generates a Low EMI Spread Spectrum Clock of the Input
Frequency
Input/Output Frequency Range: 30 MHz to 110 MHz
Optimized for 32.5 MHz, 54 MHz, 65 MHz and 108 MHz Pixel
Clock Frequencies
Internal Loop Filter Minimizes External Components and Board
Space
Eight Selectable High Spread Ranges up to ±2%
SSON# Control Pin for Spread Spectrum Enable and Disable Options
Low Cycle−to−Cycle Jitter
3.3 V ± 0.3 V Operating Range
Low Power CMOS Design
Supports Most Mobile Graphic Accelerator and LCD Timing
Controller Specifications
Available in 8−pin TSSOP Package
These are Pb−Free Devices
www.onsemi.com
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
VDD
SR0
ModOUT
SSON#
CP0
CP1
CLKIN
1
VSS
TSSOP−8
T SUFFIX
CASE 948J
MARKING
DIAGRAM
AAM = Specific Device Code
Y
= Year
WW= Work Week
A
= Assembly Location
G
= Pb−Free Package
AAM
YWW
A
G
1
8


Similar Part No. - P2042AF-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042AF-08TR ALSC-P2042AF-08TR Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P2042AF-08TR PULSECORE-P2042AF-08TR Datasheet
354Kb / 8P
   LCD Panel EMI Reduction IC
P2042AF-08TR PULSECORE-P2042AF-08TR Datasheet
349Kb / 9P
   LCD Panel EMI Reduction IC
More results

Similar Description - P2042AF-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com