Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12439FNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NBC12439FNR2G
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NBC12439FNR2G Datasheet HTML 1Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 2Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 3Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 4Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 5Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 6Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 7Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 8Page - ON Semiconductor NBC12439FNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NBC12439, NBC12439A
http://onsemi.com
4
The following gives a brief description of the functionality of the NBC12439 and NBC12349A Inputs and Outputs. Unless
explicitly stated, all inputs are CMOS/TTL compatible with either pull−up or pulldown resistors. The PECL outputs are
capable of driving two series terminated 50
W transmission lines on the incident edge.
Table 3. PIN FUNCTION DESCRIPTION
Pin Name
Function
Description
INPUTS
XTAL1, XTAL2
Crystal Inputs
These pins form an oscillator when connected to an external series−resonant
crystal.
S_LOAD*
CMOS/TTL Serial Latch Input
(Internal Pulldown Resistor)
This pin loads the configuration latches with the contents of the shift registers.
The latches will be transparent when this signal is HIGH; thus, the data must be
stable on the HIGH−to−LOW transition of S_LOAD for proper operation.
S_DATA*
CMOS/TTL Serial Data Input
(Internal Pulldown Resistor)
This pin acts as the data input to the serial configuration shift registers.
S_CLOCK*
CMOS/TTL Serial Clock Input
(Internal Pulldown Resistor)
This pin serves to clock the serial configuration shift registers. Data from S_DATA
is sampled on the rising edge.
P_LOAD**
CMOS/TTL Parallel Latch Input
(Internal Pullup Resistor)
This pin loads the configuration latches with the contents of the parallel inputs
.The latches will be transparent when this signal is LOW; therefore, the parallel
data must be stable on the LOW−to−HIGH transition of P_LOAD for proper opera-
tion.
M[6:0]**
CMOS/TTL PLL Loop Divider
Inputs (Internal Pullup Resistor)
These pins are used to configure the PLL loop divider. They are sampled on the
LOW−to−HIGH transition of P_LOAD. M[6] is the MSB, M[0] is the LSB.
N[1:0]**
CMOS/TTL Output Divider Inputs
(Internal Pullup Resistor)
These pins are used to configure the output divider modulus. They are sampled
on the LOW−to−HIGH transition of P_LOAD.
OE**
CMOS/TTL Output Enable Input
(Internal Pullup Resistor)
Active HIGH Output Enable. The Enable is synchronous to eliminate possibility of
runt pulse generation on the FOUT output. When Disabled, FOUT goes LOW and
FOUT.
FREF_EXT*
CMOS/TTL Input
(Internal Pulldown Resistor)
This pin can be used as the PLL Reference
XTAL_SEL**
CMOS/TTL Input
(Internal Pullup Resistor)
This pin selects between the crystal and the FREF_EXT source for the PLL refer-
ence signal. A HIGH selects the crystal input.
PWR_DOWN
CMOS/TTL Input
(Internal Pulldown Resistor)
PWR_DOWN forces the FOUT outputs to synchronously reduce frequency by a
factor of 16.
OUTPUTS
FOUT, FOUT
PECL Differential Outputs
These differential, positive−referenced ECL signals (PECL) are the outputs of the
synthesizer.
TEST
CMOS/TTL Output
The function of this output is determined by the serial configuration bits T[2:0].
POWER
VCC
Positive Supply for the Logic
The positive supply for the internal logic and output buffer of the chip, and is con-
nected to +3.3 V or +5.0 V.
PLL_VCC
Positive Supply for the PLL
This is the positive supply for the PLL and is connected to +3.3 V or +5.0 V.
GND
Negative Power Supply
These pins are the negative supply for the chip and are normally all connected to
ground.
Exposed Pad for QFN−32 only
The Exposed Pad (EP) on the QFN−32 package bottom is thermally connected to
the die for improved heat transfer out of package. The exposed pad must be at-
tached to a heat−sinking conduit. The pad is electrically connected to GND.
* When left Open, these inputs will default LOW.
** When left Open, these inputs will default HIGH.


Similar Part No. - NBC12439FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FNR2G ONSEMI-NBC12439FNR2G Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12439FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com