Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7704DQR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7704DQR2G
Description  Mirror-Module Driver-IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7704DQR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7704DQR2G Datasheet HTML 4Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 5Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 6Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 7Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 8Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 9Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 10Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 11Page - ON Semiconductor NCV7704DQR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
NCV7704, NCV7714
www.onsemi.com
8
Table 4. ELECTRICAL CHARACTERISTICS 4.5 V < Vcc < 5.25 V, 8 V < Vs < 18 V, −40
°C < Tj < 150°C; unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
BULB / LED DRIVER OUTPUT OUT4
Ron_out4_ICB
On−resistance to supply,
HS switch, Bulb mode
Tj = 25
°C, Iout4 = −1 A
0.3
W
Tj = 125
°C, Iout4 = −1 A
0.6
W
Ron_out4_LED
On−resistance to supply,
HS switch, LED mode
Tj = 25
°C, Iout4 = −0.2 A
1.4
W
Tj = 125
°C, Iout4 = −0.2 A
3
W
Ilim4_ICB
Output current limitation to GND,
Bulb mode
Tj < 25
°C
Tj
w 25°C
−3.9
−3.7
−2.5
A
Ilim4_LED
Overcurrent threshold,
LED mode
−1.1
−0.5
A
Iuld4_ICB
Underload detection threshold,
Bulb mode
−70
−5
mA
Iuld4_LED
Underload detection threshold,
LED mode
−15
−5
mA
td_OUT4_ICB(on)
Output delay time, Driver on,
Bulb mode
Time from CSB going high to
V(OUT4) = 0.1
·Vs / 0.9·Vs (on/off);
Rload = 16
W
15
48
ms
td_OUT4_ICB(off)
Output delay time, Driver off,
Bulb mode
21
48
ms
td_OUT4_LED(on)
Output delay time, Driver on,
LED mode
Time from CSB going high to
V(OUT4) = 0.1
·Vs / 0.9·Vs (on/off);
Rload = 64
W
15
48
ms
td_OUT4_LED(off)
Output delay time, Driver off,
LED mode
21
48
ms
Ileak_act4
Output leakage current,
Active mode
V(OUT4) = 0 V
−15
mA
Ileak_stdby4
Output leakage current,
Standby mode
V(OUT4) = 0 V
−5
mA
Ileak_out_vs4
Output leakage current
V(OUT4) = VS
1
mA
td_uld4_BULB
Underload blanking delay
Bulb mode
1350
1910
ms
td_uld4_LED
Underload blanking delay
LED mode
430
610
ms
tdb_old_ICB4
Overload shutdown blanking
delay, Bulb mode
Timer started after output activation
200
290
ms
td_old_ICB4
Overload shutdown filter time,
Bulb mode
Timer started after blanking delay
elapsed
100
160
ms
tdb_old_LED4
Overload shutdown blanking
delay, LED mode
Timer started after output activation
200
290
ms
td_old_LED4
Overload shutdown filter time,
LED mode only
Timer started after blanking delay
elapsed
50
100
ms
frec4L
Recovery frequency, slow
recovery mode recovery
CONTROL_3.OCRF = 0
1
2.1
kHz
frec4H
Recovery frequency, fast recovery
mode (LED mode only)
CONTROL_3.OCRF = 1
2
6
kHz
dVout4_ICB
Slew rate, Bulb mode
Vs = 13.5 V, Rload = 16
W
0.22
V/
ms
dVout4_LED
Slew rate, LED mode
Vs = 13.5 V, Rload = 64
W
0.22
V/
ms
dVout4_ocr
Slew rate in overcurrent recovery
mode
Vs = 13.5 V, Rload = 16
W
1
2
3
V/
ms


Similar Part No. - NCV7704DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7701 ONSEMI-NCV7701 Datasheet
53Kb / 6P
   2.0 Amp H-Bridge Driver
October, 2003 ??Rev. 3
NCV7701DW ONSEMI-NCV7701DW Datasheet
53Kb / 6P
   2.0 Amp H-Bridge Driver
October, 2003 ??Rev. 3
NCV7701DWR2 ONSEMI-NCV7701DWR2 Datasheet
53Kb / 6P
   2.0 Amp H-Bridge Driver
October, 2003 ??Rev. 3
NCV7702B ONSEMI-NCV7702B Datasheet
98Kb / 10P
   1 A Dual H?묪ridge Driver
December, 2005 ??Rev. 0
NCV7702B ONSEMI-NCV7702B Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
More results

Similar Description - NCV7704DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
logo
Sanyo Semicon Device
LB1872 SANYO-LB1872 Datasheet
167Kb / 11P
   Polygon Mirror Scanner Driver IC
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
   Mirror Power IC
Rev. 1.0, February 2009
logo
Sanyo Semicon Device
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
   Polygon Mirror Motor Predriver IC
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com