Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12439FN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBC12439FN
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FN Datasheet(HTML) 1 Page - ON Semiconductor

  NBC12439FN Datasheet HTML 1Page - ON Semiconductor NBC12439FN Datasheet HTML 2Page - ON Semiconductor NBC12439FN Datasheet HTML 3Page - ON Semiconductor NBC12439FN Datasheet HTML 4Page - ON Semiconductor NBC12439FN Datasheet HTML 5Page - ON Semiconductor NBC12439FN Datasheet HTML 6Page - ON Semiconductor NBC12439FN Datasheet HTML 7Page - ON Semiconductor NBC12439FN Datasheet HTML 8Page - ON Semiconductor NBC12439FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 14
1
Publication Order Number:
NBC12439/D
NBC12439, NBC12439A
3.3V/5V Programmable PLL
Synthesized Clock
Generator
50 MHz to 800 MHz
Description
The NBC12439 and NBC12439A are general purpose, PLL based
synthesized clock sources. The VCO will operate over a frequency
range of 400 MHz to 800 MHz. The VCO frequency is sent to the
N−output divider, where it can be configured to provide division ratios
of 1, 2, 4 or 8. The VCO and output frequency can be programmed
using the parallel or serial interfaces to the configuration logic. Output
frequency steps of 16 MHz, 8 MHz, 4 MHz, or 2 MHz can be
achieved using a 16 MHz crystal, depending on the output divider
settings. The PLL loop filter is fully integrated and does not require
any external components.
Features
Best−in−Class Output Jitter Performance, ±20 ps Peak−to−Peak
50 MHz to 800 MHz Programmable Differential PECL Outputs
Fully Integrated Phase−Lock−Loop with Internal Loop Filter
Parallel Interface for Programming Counter and Output Dividers
During Powerup
Minimal Frequency Overshoot
Serial 3−Wire Programming Interface
Crystal Oscillator Inputs 10 MHz to 20 MHz
Operating Range: VCC = 3.135 V to 5.25 V
CMOS and TTL Compatible Control Inputs
Pin and Function Compatible with Motorola MC12439 and
MPC9239
Powerdown of PECL Outputs (B16)
0°C to 70°C Ambient Operating Temperature (NBC12439)
−40°C to 85°C Ambient Operating Temperature (NBC12439A)
Pb−Free Packages are Available
MARKING
DIAGRAMS
PLCC−28
FN SUFFIX
CASE 776
NBC12439xG
AWLYYWW
128
LQFP−32
FA SUFFIX
CASE 873A
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
x
= Blank or A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
NBC12
439x
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
NBC12
439x
AWLYYWWG
G
1
(Note: Microdot may be in either location)


Similar Part No. - NBC12439FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FN ONSEMI-NBC12439FN Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
NBC12439FN ONSEMI-NBC12439FN Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FNG ONSEMI-NBC12439FNG Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439FNR2 ONSEMI-NBC12439FNR2 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
NBC12439FNR2 ONSEMI-NBC12439FNR2 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12439FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com