Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12430FNG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBC12430FNG
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430FNG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBC12430FNG Datasheet HTML 6Page - ON Semiconductor NBC12430FNG Datasheet HTML 7Page - ON Semiconductor NBC12430FNG Datasheet HTML 8Page - ON Semiconductor NBC12430FNG Datasheet HTML 9Page - ON Semiconductor NBC12430FNG Datasheet HTML 10Page - ON Semiconductor NBC12430FNG Datasheet HTML 11Page - ON Semiconductor NBC12430FNG Datasheet HTML 12Page - ON Semiconductor NBC12430FNG Datasheet HTML 13Page - ON Semiconductor NBC12430FNG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NBC12430, NBC12430A
http://onsemi.com
10
Table 11. Frequency Operating Range
VCO Frequency (MHz) Range for a Crystal Frequency (MHz) of:
Output Frequency (MHz) for
FXTAL = 16 MHz and for N =
M
M[8:0]
10
12
14
16
18
20
B1
B2
B4
B8
160
010100000
400
170
010101010
425
180
010110100
405
450
190
010111110
427.5
475
200
011001000
400
450
500
400
200
100
50
210
011010010
420
472.5
525
420
210
105
52.5
220
011011100
440
495
550
440
220
110
55
230
011100110
402.5
460
517.5
575
460
230
115
57.5
240
011110000
420
480
540
600
480
240
120
60
250
011111010
437.5
500
562.5
625
500
250
125
62.5
260
100000100
455
520
585
650
520
260
130
65
270
100001110
405
472.5
540
607.5
675
540
270
135
67.5
280
100011000
420
490
560
630
700
560
280
140
70
290
100100010
435
507.5
580
652.5
725
580
290
145
72.5
300
100101100
450
525
600
675
750
600
300
150
75
310
100110110
465
542.5
620
697.5
775
620
310
155
77.5
320
101000000
400
480
560
640
720
800
640
320
160
80
330
101001010
412.5
495
577.5
660
742.5
660
330
165
82.5
340
101010100
425
510
595
680
765
680
340
170
85
350
101011110
437.5
525
612.5
700
787.5
700
350
175
87.5
360
101101000
450
540
630
720
720
360
180
90
370
101110010
462.5
555
647.5
740
740
370
185
92.5
380
101111100
475
570
665
760
760
380
190
95
390
110000110
487.5
585
682.5
780
780
390
195
97.5
400
110010000
500
600
700
800
800
400
200
100
410
110011010
512.5
615
717.5
420
110100100
525
630
735
430
110101110
537.5
645
752.5
440
110111000
550
660
770
450
111000010
562.5
675
787.5
460
111001100
575
690
470
111010110
587.5
705
480
111100000
600
720
490
111101010
612.5
735
500
111110100
625
750
510
111111110
637.5
765


Similar Part No. - NBC12430FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430FNG ONSEMI-NBC12430FNG Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430FNG ONSEMI-NBC12430FNG Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
More results

Similar Description - NBC12430FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com