Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG72AMNR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBSG72AMNR2G
Description  2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBSG72AMNR2G Datasheet HTML 6Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 9Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 10Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 11Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 12Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 13Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NBSG72A
http://onsemi.com
10
0
100
200
300
400
500
600
700
800
900
1
234
5678
9
INPUT FREQUENCY (GHz)
Figure 3. Output Voltage Amplitude (VOUTPP) vs.
Input Clock Frequency (fin) @ Ambient Temperature (Typical)
OLS = VCC
OLS = VCC − 0.8 V = FLOAT
*OLS = VEE
OLS = VCC − 0.4 V
*When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
D0
Q0
Q1
D1
Non−Driven
Input
Q1
D1
D0
Signal Path
Measured
Non−Driven Output
(VNA)
Input Signal
Q0
Logic
Low
Logic
High
NBSG72A
Figure 4. Channel-to-Channel Crosstalk Isolation at Ambient Temperature
(D0 to Q0 Signal Path Selected; SelA = Low, SelB = High)
Xscale = 1 GHz/div
0 dB
Q
Q
Selected
Output
SELA
SELB
18
−80
0
20
D0
Q1
D1
Non−Driven
Input
Q1
D1
D0
Input Signal
Q0
Logic
High
Logic
Low
NBSG72A
Figure 5. Channel-to-Channel Crosstalk Isolation at Ambient Temperature
(D1 to Q0 Signal Path Selected; SelA = High, SelB = Low)
Xscale = 1 GHz/div
0 dB
Q
Q
Q0
Selected
Output
SELA
SELB
−80
0
20
Measured
Non−Driven Output
(VNA)
18


Similar Part No. - NBSG72AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNR2G ONSEMI-NBSG72AMNR2G Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results

Similar Description - NBSG72AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com