Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG72AMNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBSG72AMNG
Description  2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNG Datasheet(HTML) 1 Page - ON Semiconductor

  NBSG72AMNG Datasheet HTML 1Page - ON Semiconductor NBSG72AMNG Datasheet HTML 2Page - ON Semiconductor NBSG72AMNG Datasheet HTML 3Page - ON Semiconductor NBSG72AMNG Datasheet HTML 4Page - ON Semiconductor NBSG72AMNG Datasheet HTML 5Page - ON Semiconductor NBSG72AMNG Datasheet HTML 6Page - ON Semiconductor NBSG72AMNG Datasheet HTML 7Page - ON Semiconductor NBSG72AMNG Datasheet HTML 8Page - ON Semiconductor NBSG72AMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 8
1
Publication Order Number:
NBSG72A/D
NBSG72A
2.5 V/3.3 V SiGe Differential
2 x 2 Crosspoint Switch
with Output Level Select
The NBSG72A is a high-bandwidth fully differential 2
× 2
crosspoint switch with Output Level Select (OLS) capabilities. This is
a part of the GigaComm
t family of high performance Silicon
Germanium products. The device is housed in a low profile 3
× 3 mm
16-pin QFN package.
Differential inputs incorporate internal 50
W termination resistors
and accept NECL (Negative ECL), PECL (Positive ECL),
LVCMOS/LVTTL, CML, or LVDS. The OLS input is used to
program the peak-to-peak output amplitude between 0 mV and
800 mV in five discrete steps. The SELECT inputs are single-ended
and can be driven with either LVECL or LVCMOS/LVTTL
input levels.
Features
Maximum Input Clock Frequency > 7 GHz Typical
Maximum Input Data Rate > 7 Gb/s Typical
200 ps Typical Propagation Delay (OLS = FLOAT)
55/45 ps Typical Rise/Fall Times (OLS = FLOAT)
Selectable Swing PECL Output with Operating Range:
VCC = 2.375 V to 3.465 V with VEE = 0 V
Selectable Swing NECL Output with NECL Inputs with
Operating Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
Selectable Output Levels (0 mV, 200 mV, 400 mV, 600 mV or
800 mV Peak-to-Peak Output)
50 W Internal Input Termination Resistors
Single-Ended LVECL or LVCMOS/LVTTL Select Inputs
(SELA, SELB)
These are Pb-Free Devices
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAM*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
16
SG
72A
ALYW
G
G
1
1
(Note: Microdot may be in either location)


Similar Part No. - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results

Similar Description - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com