Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG53A Datasheet(PDF) 16 Page - ON Semiconductor

Part No. NBSG53A
Description  2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NBSG53A_14 Datasheet HTML 9Page - ON Semiconductor NBSG53A_14 Datasheet HTML 10Page - ON Semiconductor NBSG53A_14 Datasheet HTML 11Page - ON Semiconductor NBSG53A_14 Datasheet HTML 12Page - ON Semiconductor NBSG53A_14 Datasheet HTML 13Page - ON Semiconductor NBSG53A_14 Datasheet HTML 14Page - ON Semiconductor NBSG53A_14 Datasheet HTML 15Page - ON Semiconductor NBSG53A_14 Datasheet HTML 16Page - ON Semiconductor NBSG53A_14 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NBSG53A
http://onsemi.com
16
Figure 18. AC Reference Measurement
CLK
CLK
Q
Q
tPHL
tPLH
VINPP = VIH(CLK) − VIL(CLK)
Figure 19. Typical Termination for Output Driver and Device Evaluation
(Refer to Application Note AND8020/D − Termination of ECL Logic Devices)
VOUTPP = VOH(Q) − VOL(Q)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package Type
Shipping
NBSG53AMNG
QFN-16, 3x3 mm
(Pb-Free / Halide-Free)
123 Units / Tube
NBSG53AMNR2G
QFN-16, 3x3 mm
(Pb-Free / Halide-Free)
3000 / Tape & Reel
NBSG53AMNHTBG
QFN-16
(Pb-Free / Halide-Free)
100 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn