Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG53A Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NBSG53A
Description  2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NBSG53A_14 Datasheet HTML 2Page - ON Semiconductor NBSG53A_14 Datasheet HTML 3Page - ON Semiconductor NBSG53A_14 Datasheet HTML 4Page - ON Semiconductor NBSG53A_14 Datasheet HTML 5Page - ON Semiconductor NBSG53A_14 Datasheet HTML 6Page - ON Semiconductor NBSG53A_14 Datasheet HTML 7Page - ON Semiconductor NBSG53A_14 Datasheet HTML 8Page - ON Semiconductor NBSG53A_14 Datasheet HTML 9Page - ON Semiconductor NBSG53A_14 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NBSG53A
http://onsemi.com
6
Table 8. DC CHARACTERISTICS, INPUT WITH PECL OUTPUT (VCC = 3.3 V; VEE = 0 V) (Note 13)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY CURRENT
IEE
Negative Power Supply Current
35
47
59
35
47
59
35
47
59
mA
PECL OUTPUTS (Note 14)
VOH
Output HIGH Voltage
2260
2310
2360
2290
2340
2390
2315
2365
2415
mV
VOL
Output LOW Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
1320
2030
1550
2260
1785
1470
2090
1670
2310
1875
1620
2180
1790
2390
1995
1360
2065
1585
2290
1820
1510
2125
1705
2340
2030
1660
2215
1825
2420
2030
1390
2090
1615
2315
1850
1540
2150
1735
2365
1940
1690
2240
1855
2445
2060
mV
VOUTPP
Output Voltage Amplitude
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
705
130
535
0
345
815
220
640
0
435
695
125
530
0
340
805
215
635
0
430
590
125
525
0
335
800
215
630
0
425
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE-ENDED (Figures 13 & 15) (Note 15)
VIH
Input HIGH
CLK, invCLK, D, D
Voltage (Single-Ended)
R, SEL
1200
2090
VCC
VCC
1200
2155
VCC
VCC
1200
2215
VCC
VCC
mV
VIL
Input LOW
CLK, invCLK, D, D
Voltage (Single-Ended)
R, SEL
0
0
VIH
150
1690
0
0
VIH
150
1755
0
0
VIH
150
1815
mV
Vth
Input Threshold Voltage Range
(Note 16)
1125
VCC
75
1125
VCC
75
1125
VCC
75
mV
VISE
Single-Ended Input Voltage
(VIH – VIL)
150
2600
150
2600
150
260
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 14 & 16) (Note 17)
VIHD
Differential Input HIGH Voltage
1200
VCC
1200
VCC
1200
VCC
mV
VILD
Differential Input LOW Voltage
0
VIHD
75
0
VIHD
75
0
VIHD
75
mV
VID
Differential Input Voltage
(VIHD – VILD)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 18) (Figure 17)
1200
3300
1200
3300
1200
3300
mV
IIH
Input HIGH Current (@VIH)
R, SEL
CLK, inv_CLK, D, inv_D
35
5
100
50
35
5
100
50
35
5
100
50
mA
IIL
Input LOW Current (@VIL)
R, SEL
CLK, inv_CLK, D, inv_D
20
5
100
50
20
5
100
50
20
5
100
50
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
13. Input and output parameters vary 1:1 with VCC.
14. All outputs loaded with 50
W to VCC − 2.0 V.
15. Vth, VIH, VIL, and VISE parameters must be complied with simultaneously.
16. Vth is applied to the complementary input when operating in single-ended mode. Vth = (VIH − VIL) / 2.
17. VIHD, VILD, VID and VIHCMR parameters must be complied with simultaneously.
18. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn