Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP221FARG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB100LVEP221FARG
Description  Differential HSTL/ECL/PECL Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP221FARG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB100LVEP221FARG Datasheet HTML 2Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 3Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 4Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 5Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 6Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 7Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 8Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 9Page - ON Semiconductor NB100LVEP221FARG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NB100LVEP221
www.onsemi.com
6
Table 7. LVNECL DC CHARACTERISTICS VCC = 0 V, VEE = −2.375 V to −3.8 V (Note 10)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
100
125
150
104
130
156
116
145
174
mA
VOH
Output HIGH Voltage (Note 11)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 11)
−1945
−1820
−1600
−1945
−1820
−1600
−1945
−1820
−1600
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1600
−1945
−1600
−1945
−1600
mV
VBB
Output Reference Voltage (Note 12)
−1525
−1425
−1325
−1525
−1425
−1325
−1525
−1425
−1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
CLK0/CLK0
CLK1/CLK1
VEE + 1.2
VEE + 0.3
0.0
−0.9
VEE + 1.2
VEE + 0.3
0.0
−0.9
VEE + 1.2
VEE + 0.3
0.0
−0.9
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
CLK
CLK
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
10. Input and output parameters vary 1:1 with VCC.
11. All outputs loaded with 50
W to VCC−2.0 V.
12. Single−ended input operation is limited VEE ≤ −3.0V in NECL mode.
13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 8. HSTL DC CHARACTERISTICS VCC = 3.3 V; VEE = 0 V
Symbol
Characteristic
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage
CLK1/CLK1
Vx+100
1600
Vx+100
1600
Vx+100
1600
mV
VIL
Input LOW Voltage
CLK1/CLK1
−300
Vx−100
−300
Vx−100
−300
Vx−100
mV
VX
Differential Configuration Cross
Point Voltage
680
900
680
900
680
900
mV
IIH
Input HIGH Current
−150
150
−150
150
−150
150
mA
IIL
Input LOW Current
CLK1
CLK1
−150
−250
−150
−250
−150
−250
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.


Similar Part No. - NB100LVEP221FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221FARG ONSEMI-NB100LVEP221FARG Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
More results

Similar Description - NB100LVEP221FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
logo
Semtech Corporation
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com