Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP221 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB100LVEP221
Description  Differential HSTL/ECL/PECL Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP221 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB100LVEP221_15 Datasheet HTML 3Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 4Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 5Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 6Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 7Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 8Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 9Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 10Page - ON Semiconductor NB100LVEP221_15 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NB100LVEP221
www.onsemi.com
7
Table 9. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 to −3.8 V or VCC = 2.375 to 3.8 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOpp
Differential Output Voltage
(Figure 4)
fout < 50 MHz
fout < 0.8 GHz
fout < 1.0 GHz
550
550
500
700
700
700
600
550
500
700
700
700
600
500
400
700
700
600
mV
mV
mV
tPLH/tPHL
Propagation Delay (Differential Configuration)
CLK0−Qx
CLK1−Qx
540
590
600
640
540
590
660
710
540
590
750
800
ps
ps
tskew
Within−Device Skew (Note 15)
Device−to−Device Skew (Note 16)
15
40
50
200
15
40
50
200
15
40
50
200
ps
ps
tJITTER
Random Clock Jitter (RMS) (Figure 4)
1
2
1
2
1
2
ps
VPP
Input Swing (Differential Configuration)
(Note 17) (Figure 5)
CLK0
CLK1 HSTL
400
300
800
800
1200
1000
400
300
800
800
1200
1000
400
300
800
800
1200
1000
mV
mV
DCO
Output Duty Cycle
49.5
50
50.5
49.5
50
50.5
49.5
50
50.5
%
tr/tf
Output Rise/Fall Time (20%−80%)
100
200
300
100
200
300
150
250
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
14. Measured with 750 mV source (LVPECL) or 1 V (HSTL) source, 50% duty cycle clock source. All outputs loaded with 50
W to VCC−2 V.
15. Skew is measured between outputs under identical transitions and conditions on any one device.
16. Device−to−Device skew for identical transitions, outputs and VCC levels.
17. VPP is the differential configuration input voltage swing required to maintain AC characteristics.


Similar Part No. - NB100LVEP221_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221D ONSEMI-NB100LVEP221D Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221FA ONSEMI-NB100LVEP221FA Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221FA ONSEMI-NB100LVEP221FA Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221FAG ONSEMI-NB100LVEP221FAG Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221FAR2 ONSEMI-NB100LVEP221FAR2 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
More results

Similar Description - NB100LVEP221_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
logo
Semtech Corporation
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com