Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D90FCWFFJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # D90FCWFFJ-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

D90FCWFFJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button D90FCWFFJ-E2 Datasheet HTML 7Page - Rohm D90FCWFFJ-E2 Datasheet HTML 8Page - Rohm D90FCWFFJ-E2 Datasheet HTML 9Page - Rohm D90FCWFFJ-E2 Datasheet HTML 10Page - Rohm D90FCWFFJ-E2 Datasheet HTML 11Page - Rohm D90FCWFFJ-E2 Datasheet HTML 12Page - Rohm D90FCWFFJ-E2 Datasheet HTML 13Page - Rohm D90FCWFFJ-E2 Datasheet HTML 14Page - Rohm D90FCWFFJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Datasheet
Datasheet
11/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Reference Data - Continued
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000 1000000
Frequency: f [Hz]
0
1
2
3
4
5
6
0
400
800
1200
1600
2000
2400
Output Current:IO[mA]
0
100
200
300
400
500
600
700
800
900
1,000
0
200
400
600
800
1000
Output Current:IO[mA]
Figure 16. Load Regulation
Figure 17. Dropout Voltage
(Vcc=4.75V)
(lO=0mA→1000mA)
Figure 18. Ripple Rejection
(IO =100mA)
Figure 19. Output Voltage
Temperature Characteristic
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-25
-5
153555
75
Ambient Temperature: [℃ ]


Similar Part No. - D90FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
D90FF18R VMI-D90FF18R Datasheet
32Kb / 1P
   Spice Model
More results

Similar Description - D90FCWFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com