Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2426TE Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2426TE
Description  Monolithic Triple Channel 30 MHz DTV Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2426TE Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2426TE Datasheet HTML 1Page - National Semiconductor (TI) LM2426TE Datasheet HTML 2Page - National Semiconductor (TI) LM2426TE Datasheet HTML 3Page - National Semiconductor (TI) LM2426TE Datasheet HTML 4Page - National Semiconductor (TI) LM2426TE Datasheet HTML 5Page - National Semiconductor (TI) LM2426TE Datasheet HTML 6Page - National Semiconductor (TI) LM2426TE Datasheet HTML 7Page - National Semiconductor (TI) LM2426TE Datasheet HTML 8Page - National Semiconductor (TI) LM2426TE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AC Test Circuit
Figure 3 shows a typical test circuit for evaluation of the LM2426TE. This circuit is designed to allow testing of the LM2426TE in
a50
Ω environment without the use of an expensive FET probe. The two 4990Ω resistors form a 400:1 divider with the 50Ω
resistor and the oscilloscope. A test point is included for easy use of an oscilloscope probe.The compensation capacitor is used
to compensate the network to achieve flat frequency response.
20066403
Note: 8pF load includes parasitic capacitance.
FIGURE 3. Test Circuit (One Channel)
www.national.com
3


Similar Part No. - LM2426TE

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM242-155.52M CONNOR-WINFIELD-LM242-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2421TA NSC-LM2421TA Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Similar Description - LM2426TE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2429 TI1-LM2429 Datasheet
901Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 15 MHz DTV Driver
logo
National Semiconductor ...
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
   Monolithic Triple Channel 15 MHz DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com