Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ5FCWFP-E2 Datasheet(PDF) 31 Page - Rohm

Part # BJ5FCWFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BJ5FCWFP-E2 Datasheet(HTML) 31 Page - Rohm

Back Button BJ5FCWFP-E2 Datasheet HTML 27Page - Rohm BJ5FCWFP-E2 Datasheet HTML 28Page - Rohm BJ5FCWFP-E2 Datasheet HTML 29Page - Rohm BJ5FCWFP-E2 Datasheet HTML 30Page - Rohm BJ5FCWFP-E2 Datasheet HTML 31Page - Rohm BJ5FCWFP-E2 Datasheet HTML 32Page - Rohm BJ5FCWFP-E2 Datasheet HTML 33Page - Rohm BJ5FCWFP-E2 Datasheet HTML 34Page - Rohm BJ5FCWFP-E2 Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/38
BDxxFC0 series
Datasheet
Datasheet
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
11. Output pin
In order to prevent oscillation, a capacitor needs to be placed between the output pin and GND pin. We recommend a
capacitor with a capacitance of more than 1μF(3.0V≦VO≦15.0V). Electrolytic, tantalum and ceramic capacitors can be
used. We recommend a capacitor with a capacitance of more than 4.7μF(1.0V≦VO<3.0V). Ceramic capacitors can be
used. When selecting the capacitor, ensure that the capacitance of more than 1μF(3.0V≦VO≦15.0V) or more than
4.7μF(1.0V≦VO<3.0V) is maintained at the intended applied voltage and temperature range. Due to changes in
temperature, the capacitance can fluctuate possibly resulting in oscillation. For selection of the capacitor, refer to the
Cout_ESR vs IOUT data. The stable operation range given in the reference data is based on the standalone IC and
resistive load. For actual applications, the stable operating range is influenced by the PCB impedance, input supply
impedance, and load impedance. Therefore, verification of the final operating environment is needed.
When selecting a ceramic type capacitor, we recommend using X5R, X7R, or better, with excellent temperature and
DC-biasing characteristics and high voltage tolerance.
Also, in case of rapidly changing input voltage and load current, select the capacitance in accordance with verifying that
the actual application meets the required specification.
Operation Note 11 Measurement circuit (BD00FC0W)
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1000
Io(mA)
Unstable operating region
Stable operating region
Cin vs Cout
3.0V ≤ Vo ≤ 15.0V
(Reference data)
Cout_ESR vs Io
3.0V ≤ Vo ≤ 15.0V
(Reference data)
4.0V ≤ Vcc ≤ 26.5V
3.0V ≤ VO ≤ 15.0V
-25℃ ≤ Ta ≤ +85℃
5kΩ ≤ R2 ≤ 10kΩ (BD00FC0W)
Cin=2.2µF ≤ Cin ≤ 100µF
1µF ≤ Cout ≤ 100µF
4.0V ≤ Vcc ≤ 26.5V
3.0V ≤ VO ≤ 15.0V
-25℃ ≤ Ta ≤ +85℃
0A ≤ IO ≤ 1A
5kΩ ≤ R2 ≤ 10kΩ (BD00FC0W)
1
10
100
110
100
Cout(µF)
Stable operating region
6.0V≤Vcc≤26.5V
5.0V≤VO≤15.0V
-25℃≤Ta≤+85℃
0A≤IO≤1A
5kΩ≤R2≤10kΩ (BD00FC0W)
1
10
100
110
100
Cout(µF)
Stable operating region
2.2
Unstable
operating region
IO(mA)
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1000
Io(mA)
Stable operating region
Unstable operating region
0.5
4.0V ≤ Vcc ≤ 26.5V
1.0V ≤ Vo < 1.5V
-25°C ≤ Ta ≤ +85°C
5kΩ ≤ R1 ≤ 10kΩ (BD00FC0W)
2.2µF ≤ Cin ≤ 100µF
4.7µF ≤ Cout ≤ 100µF
4.0V ≤ Vcc ≤ 26.5V
1.0V ≤ Vo < 3.0V
-25°C ≤ Ta ≤ +85°C
0A ≤ Io ≤ 1A
5kΩ≤ R1 ≤ 10kΩ (BD00FC0W)
4.0V ≤ Vcc ≤ 26.5V
1.5V ≤ Vo < 3.0V
-25°C ≤ Ta ≤ +85°C
5kΩ ≤ R1 ≤ 10kΩ (BD00FC0W)
2.2µF ≤ Cin ≤ 100µF
4.7µF ≤ Cout ≤ 100µF
Stable
operating region
1
10
100
110
100
Cout(µF)
Stable
operating region
Unstable
operating region
2.2
4.7
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1000
Io(mA)
Stable operating region
Unstable operating region
Cout_ESR vs Io
1.0V ≤ Vo < 3.0V
(Reference data)
Cin vs Cout
1.0V ≤ Vo < 3.0V
(Reference data)
Vcc
EN
GND
FB
Vo
VEN
(5.0V)
R2
Cin
(1µF or higher)
Cout
(1µF or higher)
ESR
(0.001Ω
or higher)
Io
(Rout)
R1
(5k to 10kΩ)
VCC
(4.0V to 26.5V)


Similar Part No. - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ5F-71GF-M6.5 ETC2-BJ5F-71GF-M6.5 Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com