Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2090FS-E2 Datasheet(PDF) 5 Page - Rohm

Part # BU2090FS-E2
Description  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS-E2 Datasheet(HTML) 5 Page - Rohm

  BU2090FS-E2 Datasheet HTML 1Page - Rohm BU2090FS-E2 Datasheet HTML 2Page - Rohm BU2090FS-E2 Datasheet HTML 3Page - Rohm BU2090FS-E2 Datasheet HTML 4Page - Rohm BU2090FS-E2 Datasheet HTML 5Page - Rohm BU2090FS-E2 Datasheet HTML 6Page - Rohm BU2090FS-E2 Datasheet HTML 7Page - Rohm BU2090FS-E2 Datasheet HTML 8Page - Rohm BU2090FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
.
5/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Test Circuits - continued
VDD
VDD
VDD
A
+
IOZ
A
+
IDD
PatternGenerator
1
12
SW
+25V
RL =10kΩ
VDD
PatternGenerator
VSS
VSS
VSS
RL RL RL RL RL RL RL
RL RL RL RL RL
Figure 6. Test Circuit of
Timing Characteristics
Figure 5. Test Circuit of Output Leak Current / Static Dissipation Current


Similar Part No. - BU2090FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2090FS-E2 ROHM-BU2090FS-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
More results

Similar Description - BU2090FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com