Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU35TH5WNVX Datasheet(PDF) 8 Page - Rohm

Part # BU35TH5WNVX
Description  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU35TH5WNVX Datasheet(HTML) 8 Page - Rohm

Back Button BU35TH5WNVX Datasheet HTML 4Page - Rohm BU35TH5WNVX Datasheet HTML 5Page - Rohm BU35TH5WNVX Datasheet HTML 6Page - Rohm BU35TH5WNVX Datasheet HTML 7Page - Rohm BU35TH5WNVX Datasheet HTML 8Page - Rohm BU35TH5WNVX Datasheet HTML 9Page - Rohm BU35TH5WNVX Datasheet HTML 10Page - Rohm BU35TH5WNVX Datasheet HTML 11Page - Rohm BU35TH5WNVX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/20
14.Dec.2015.Rev.004
BUXXTH5WNVX
Datasheet
TSZ02201-0GBG0A600020-1-2
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.7
2.0
2.3
2.6
2.9
3.2
3.5
VIN[V]
LINE REGULATION
-20℃
25℃
85℃
CE=VIN
Iout=10mA
CE=VIN
Iout=10mA
CE=VIN
Iout=10mA
CE=VIN
Iout=10mA
1.100
1.150
1.200
1.250
1.300
0
50
100
150
200
250
300
IOUT[mA]
Load Regulation
-20℃
25℃
85℃
VIN=2.5V
CE=VIN
1.10
1.15
1.20
1.25
1.30
-20
0
20
40
60
80
Temperature[℃]
OUTPUT VOLTAGE vs TEMPERATURE
VIN=2.5V
CE=VIN
IOUT=10uA
Reference data
BU12TH5WNVX-1 (Ta=25ºC unless otherwise specified.)
Figure 17.
Figure 18.
Figure 19.
Figure 20.
GROUND PIN CURRENT vs INPUT VOLTAGE
0
5
10
15
20
1.7
2.0
2.3
2.6
2.9
3.2
3.5
VIN[V]
-20℃
25℃
85℃
CE=VIN
IOUT=0mA


Similar Part No. - BU35TH5WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU35UA3WNVX-TL ROHM-BU35UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU35UC3WG-TL ROHM-BU35UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU35UC3WG-TR ROHM-BU35UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU35TH5WNVX

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com