Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU35TH5WNVX Datasheet(PDF) 5 Page - Rohm

Part # BU35TH5WNVX
Description  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU35TH5WNVX Datasheet(HTML) 5 Page - Rohm

  BU35TH5WNVX Datasheet HTML 1Page - Rohm BU35TH5WNVX Datasheet HTML 2Page - Rohm BU35TH5WNVX Datasheet HTML 3Page - Rohm BU35TH5WNVX Datasheet HTML 4Page - Rohm BU35TH5WNVX Datasheet HTML 5Page - Rohm BU35TH5WNVX Datasheet HTML 6Page - Rohm BU35TH5WNVX Datasheet HTML 7Page - Rohm BU35TH5WNVX Datasheet HTML 8Page - Rohm BU35TH5WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/20
14.Dec.2015.Rev.004
BUXXTH5WNVX
Datasheet
TSZ02201-0GBG0A600020-1-2
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Reference data
BU1ATH5WNVX (Ta=25ºC unless otherwise specified.)
Figure 3.
Figure 4.
Figure 5.
Figure 6.
LINE REGULATION
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.7
2.0
2.3
2.6
2.9
3.2
3.5
VIN[V]
-20℃
25℃
85℃
CE=VIN
Iout=10mA
OUTPUT VOLTAGE vs TEMPERATURE
0.95
1.00
1.05
1.10
1.15
-20
0
20
40
60
80
Temperature[℃]
VIN=2.5V
CE=VIN
IOUT=10uA
GROUND PIN CURRENT vs INPUT VOLTAGE
0
5
10
15
20
1.7
2.0
2.3
2.6
2.9
3.2
3.5
VIN[V]
-20℃
25℃
85℃
CE=VIN
IOUT=0mA
0.950
1.000
1.050
1.100
1.150
0
50
100
150
200
250
300
IOUT[mA]
Load Regulation
-20℃
25℃
85℃
VIN=2.5V
CE=VIN


Similar Part No. - BU35TH5WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU35UA3WNVX-TL ROHM-BU35UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU35UC3WG-TL ROHM-BU35UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU35UC3WG-TR ROHM-BU35UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU35TH5WNVX

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com