Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU18SD5WG-TR Datasheet(PDF) 5 Page - Rohm

Part # BU18SD5WG-TR
Description  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU18SD5WG-TR Datasheet(HTML) 5 Page - Rohm

  BU18SD5WG-TR Datasheet HTML 1Page - Rohm BU18SD5WG-TR Datasheet HTML 2Page - Rohm BU18SD5WG-TR Datasheet HTML 3Page - Rohm BU18SD5WG-TR Datasheet HTML 4Page - Rohm BU18SD5WG-TR Datasheet HTML 5Page - Rohm BU18SD5WG-TR Datasheet HTML 6Page - Rohm BU18SD5WG-TR Datasheet HTML 7Page - Rohm BU18SD5WG-TR Datasheet HTML 8Page - Rohm BU18SD5WG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Datasheet
Datasheet
5/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
www.rohm.com
TSZ22111・15・001
BUxxSD5 series
●Reference data BU18SD5WG (Unless otherwise specified, Ta=25℃.)
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0
50
100
150
200
Output Current IOUT (mA)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
Figure 3. Output Voltage vs. Input Voltage
Figure 4. Line Regulation
Figure 5. Circuit Current vs. Input Voltage
Figure 6. Load Regulation
Ta=25℃
VIN=VSTBY
Ta=25℃
VIN=VSTBY
VIN=VSTBY
IOUT=0mA
VIN=3.5V
VSTBY=1.5V
Ta=105℃
Ta=25℃
Ta=-40℃
Ta=25℃
Ta=-40℃
Ta=105℃
IOUT=0mA
IOUT=50mA
IOUT=200mA
IOUT=0mA
IOUT=50mA
IOUT=200mA


Similar Part No. - BU18SD5WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG-TR ROHM-BU18SD5WG-TR Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Similar Description - BU18SD5WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com