Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU18SD5WG Datasheet(PDF) 4 Page - Rohm

Part # BU18SD5WG
Description  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU18SD5WG Datasheet(HTML) 4 Page - Rohm

  BU18SD5WG Datasheet HTML 1Page - Rohm BU18SD5WG Datasheet HTML 2Page - Rohm BU18SD5WG Datasheet HTML 3Page - Rohm BU18SD5WG Datasheet HTML 4Page - Rohm BU18SD5WG Datasheet HTML 5Page - Rohm BU18SD5WG Datasheet HTML 6Page - Rohm BU18SD5WG Datasheet HTML 7Page - Rohm BU18SD5WG Datasheet HTML 8Page - Rohm BU18SD5WG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Datasheet
Datasheet
4/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
www.rohm.com
TSZ22111・15・001
BUxxSD5 series
●Electrical Characteristics
(Unless otherwise noted,Ta=-40 to 105℃,VIN=VOUT+1.0V
(*3),VSTBY=1.5V,Cin=1μF,Cout=1μF,Typical value apply for Ta=25℃.)
PARAMETER
Symbol
Limit
Unit
Conditions
MIN.
TYP.
MAX.
Output Voltage
VOUT
VOUT
×
0.98
VOUT
VOUT
×
1.02
V
IOUT=1mA,
VOUT≧2.5V, VIN=VOUT+0.5 to 6.0V
(*4)
VOUT<2.5V, VIN=3.0 to 6.0V
(*4)
Line Regulation1
VDLI1
-
4
10
mV
IOUT=10mA
VOUT≦2.5V, VIN=3.0 to 6.0V
Line Regulation2
VDLI2
6
15
mV
IOUT=10mA
VOUT>2.5V, VIN=VOUT+0.5 to 6.0V
Load Regulation1
VDLO1
-
0.5
5
mV
IOUT=1 to 100mA
Load Regulation2
VDLO2
-
2.5
25
mV
IOUT=1 to 500mA
Dropout Voltage
VDROP
-
400
700
mV
1.0V≦VOUT<1.2V, IOUT=100mA
-
280
550
mV
1.2V≦VOUT<1.5V, IOUT=100mA
-
180
370
mV
1.5V≦VOUT<1.7V, IOUT=100mA
-
150
290
mV
1.7V≦VOUT<2.1V, IOUT=100mA
-
110
220
mV
2.1V≦VOUT<2.5V, IOUT=100mA
-
100
180
mV
2.5V≦VOUT<2.8V, IOUT=100mA
-
85
150
mV
2.8V≦VOUT, IOUT=100mA
Limit Current
ILMAX
-
800
-
mA
Vo=VOUT×0.98, Ta=25℃
Short Current
ISHORT
-
180
-
mA
Vo=0V, Ta=25℃
Circuit Current
IGND
-
33
80
µA
IOUT=0mA
Circuit Current (STBY)
ICCST
-
-
2.0
µA
VSTBY=0V
Ripple Rejection Ratio
R.R.
-
68
-
dB
VRR=-20dBv,fRR=1kHz,IOUT=10mA
Ta=25℃
Load Transient Response
VLOT
-
±
65
-
mV
IOUT=1mA to 150mA,Trise=Tfall=1µs,
VIN=VOUT+1.0V,Ta=25℃
Output Noise Voltage
VNOIS
-
30
-
µVrms Bandwidth 10 to 100kHz, Ta=25℃
Discharge Resistor
RDSC
20
50
80
VIN=4.0V, VSTBY=0V, VOUT=4.0V,
Ta=25℃
STBY Control
Voltage
ON
VSTBH
1.1
-
VIN
V
Ta=25℃
OFF
VSTBL
-0.2
-
0.5
V
STBY Pin Current
ISTBY
-
-
4.0
µA
(*3) VIN=3.5V for VOUT<2.5V.
(*4) Operating Conditions are limited by Pd.


Similar Part No. - BU18SD5WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG-TL ROHM-BU18SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU18SD5WG-TR ROHM-BU18SD5WG-TR Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Similar Description - BU18SD5WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com