Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD42530EFJ-C Datasheet(PDF) 16 Page - Rohm

Part No. BD42530EFJ-C
Description  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD42530EFJ-C Datasheet(HTML) 16 Page - Rohm

Back Button BD42530EFJ-C Datasheet HTML 12Page - Rohm BD42530EFJ-C Datasheet HTML 13Page - Rohm BD42530EFJ-C Datasheet HTML 14Page - Rohm BD42530EFJ-C Datasheet HTML 15Page - Rohm BD42530EFJ-C Datasheet HTML 16Page - Rohm BD42530EFJ-C Datasheet HTML 17Page - Rohm BD42530EFJ-C Datasheet HTML 18Page - Rohm BD42530EFJ-C Datasheet HTML 19Page - Rohm BD42530EFJ-C Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Datasheet
Datasheet
16/25
BD42530xxx-C
Series
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
TSZ02201-0G7G0AN00550-1-2
20.Apr.2016 Rev.001
Thermal Design
Within this product, the power consumption is decided by the dropout voltage condition, the load current and the circuit
current. Refer to Package Data illustrated in Figure 20, 21 when using the IC in an environment of Ta ≥ 25 °C. Even if the
ambient temperature Ta is at 25 °C, depending on the input voltage and the load current, chip junction temperature can be
very high. Consider the design to be Tj ≤ Tjmax = 150 °C in all possible operating temperature range. On the reverse side of
the package (HTSOP-J8, TO263-5) there is exposed heat pad for improving the heat dissipation.
Should by any condition the maximum junction temperature Tjmax = 150 °C rating be exceeded by the temperature increase
of the chip, it may result in deterioration of the properties of the chip. The thermal impedance in this specification is based on
recommended PCB and measurement condition by JEDEC standard. Verify the application and allow sufficient margins in
the thermal design by the following method is used to calculate the junction temperature Tj.
Tj can be calculated by either of the two following methods.
1.
The following method is used to calculate the junction temperature Tj.
TjTaPCθJA
Where:
Tj
: Junction Temperature
Ta
: Ambient Temperature
PC
: Power Consumption
θJA
: Thermal Impedance
(Junction to Ambient)
2. The following method is also used to calculate the junction temperature Tj.
TjTTPCΨJT
Where:
Tj
: Junction Temperature
TT
: Top Center of Case’s (mold) Temperature
PC
: Power consumption
ΨJT
: Thermal Impedance
(Junction to Top Center of Case)
The following method is used to calculate the power consumption Pc (W).
PcVCC‐VO IOVCCICC
Where:
PC
: Power Consumption
VCC
: Input Voltage
VO
: Output Voltage
IO
: Load Current
ICC
: Circuit Current


Similar Part No. - BD42530EFJ-C

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Similar Description - BD42530EFJ-C

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
Infineon Technologies AG
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
Rohm
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
Infineon Technologies AG
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
Texas Instruments
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
Infineon Technologies AG
Infineon Technologies A...
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
   Tracker
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz