Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD42530EFJ-C Datasheet(PDF) 15 Page - Rohm

Part No. BD42530EFJ-C
Description  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD42530EFJ-C Datasheet(HTML) 15 Page - Rohm

Back Button BD42530EFJ-C Datasheet HTML 11Page - Rohm BD42530EFJ-C Datasheet HTML 12Page - Rohm BD42530EFJ-C Datasheet HTML 13Page - Rohm BD42530EFJ-C Datasheet HTML 14Page - Rohm BD42530EFJ-C Datasheet HTML 15Page - Rohm BD42530EFJ-C Datasheet HTML 16Page - Rohm BD42530EFJ-C Datasheet HTML 17Page - Rohm BD42530EFJ-C Datasheet HTML 18Page - Rohm BD42530EFJ-C Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Datasheet
Datasheet
15/25
BD42530xxx-C
Series
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
TSZ02201-0G7G0AN00550-1-2
20.Apr.2016 Rev.001
0.96 W
3.67 W
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
1.54 W
5.95 W
0.0
2.0
4.0
6.0
8.0
10.0
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
Power Dissipation
HTSOP-J8
IC mounted on ROHM standard board based on JEDEC.
: 1 - layer PCB
(Copper foil area on the reverse side of PCB: 0 mm x 0 mm)
Board material: FR4
Board size: 114.3 mm x 76.2 mm x 1.57 mm
Mount condition: PCB and exposed pad are soldered.
Top copper foil: ROHM recommended
footprint + wiring to measure, 2 oz. copper.
: 4 - layer PCB
(2 inner layers and Copper foil area on the reverse side of PCB:
74.2 mm x 74.2 mm)
Board material: FR4
Board size: 114.3 mm x 76.2 mm x 1.60 mm
Mount condition: PCB and exposed pad are soldered.
Top copper foil: ROHM recommended
footprint + wiring to measure, 2 oz. copper.
2 inner layers copper foil area of PCB
: 74.2 mm x 74.2 mm, 1 oz. copper.
Copper foil area on the reverse side of PCB
: 74.2 mm x 74.2 mm, 2 oz. copper.
Condition①: θJA = 130 °C / W, ΨJT (top center) = 15 °C / W
Condition②: θJA = 34 °C / W, ΨJT (top center) = 7 °C / W
TO263-5
IC mounted on ROHM standard board based on JEDEC.
: 1 - layer PCB
(Copper foil area on the reverse side of PCB: 0 mm x 0 mm)
Board material: FR4
Board size: 114.3 mm x 76.2 mm x 1.57 mm
Mount condition: PCB and exposed pad are soldered.
Top copper foil: ROHM recommended
footprint + wiring to measure, 2 oz. copper.
: 4 - layer PCB
(2 inner layers and Copper foil area on the reverse side of PCB:
74.2 mm x 74.2 mm)
Board material: FR4
Board size: 114.3 mm x 76.2 mm x 1.60 mm
Mount condition: PCB and exposed pad are soldered.
Top copper foil: ROHM recommended
footprint + wiring to measure, 2 oz. copper.
2 inner layers copper foil area of PCB
: 74.2 mm x 74.2 mm, 1 oz. copper.
Copper foil area on the reverse side of PCB
: 74.2 mm x 74.2 mm, 2 oz. copper.
Condition①: θJA = 81 °C / W, ΨJT (top center) = 8 °C / W
Condition②: θJA = 21 °C / W, ΨJT (top center) = 2 °C / W
Figure 20. HTSOP-J8 Package Data
Figure 21. TO263-5 Package Data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn