Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD42530EFJ-C Datasheet(PDF) 13 Page - Rohm

Part No. BD42530EFJ-C
Description  250 mA Output Voltage Tracker
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD42530EFJ-C Datasheet(HTML) 13 Page - Rohm

Back Button BD42530EFJ-C Datasheet HTML 9Page - Rohm BD42530EFJ-C Datasheet HTML 10Page - Rohm BD42530EFJ-C Datasheet HTML 11Page - Rohm BD42530EFJ-C Datasheet HTML 12Page - Rohm BD42530EFJ-C Datasheet HTML 13Page - Rohm BD42530EFJ-C Datasheet HTML 14Page - Rohm BD42530EFJ-C Datasheet HTML 15Page - Rohm BD42530EFJ-C Datasheet HTML 16Page - Rohm BD42530EFJ-C Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Datasheet
Datasheet
13/25
BD42530xxx-C
Series
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
TSZ02201-0G7G0AN00550-1-2
20.Apr.2016 Rev.001
1µF
10µF
BD42530EFJ-C
8:VCC
7:N.C.
6:GND
5:ADJ /
EN
1:VO
2:N.C.
3:N.C.
4:N.C.
V
Io
1µF
10µF
BD42530EFJ-C
8:VCC
7:N.C.
6:GND
5:ADJ /
EN
1:VO
2:N.C.
3:N.C.
4:N.C.
V
A
1µF
10µF
BD42530EFJ-C
8:VCC
7:N.C.
6:GND
5:ADJ /
EN
1:VO
2:N.C.
3:N.C.
4:N.C.
V
Measurement Circuit
Measurement Setup for
Figure 1, 3, 10
Measurement Setup for
Figure 2, 9
Measurement Setup for
Figure 4
Measurement Setup for
Figure 5, 6, 12
Measurement Setup for
Figure 7
Measurement Setup for
Figure 8
Measurement Setup for
Figure 11
Measurement Setup for
Figure 13, 14
Measurement Setup for
Figure 15, 16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn