Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3531F Datasheet(PDF) 9 Page - Rohm

Part # BD3531F
Description  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F Datasheet(HTML) 9 Page - Rohm

Back Button BD3531F Datasheet HTML 5Page - Rohm BD3531F Datasheet HTML 6Page - Rohm BD3531F Datasheet HTML 7Page - Rohm BD3531F Datasheet HTML 8Page - Rohm BD3531F Datasheet HTML 9Page - Rohm BD3531F Datasheet HTML 10Page - Rohm BD3531F Datasheet HTML 11Page - Rohm BD3531F Datasheet HTML 12Page - Rohm BD3531F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
BD3531F
9/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
2.
Power Dissipation
In thermal design, consider the temperature range wherein the IC is guaranteed to operate and apply appropriate
margins. The temperature conditions that need to be considered are listed below:
(1) Ambient temperature Ta: 100°C or lower
(2) Chip junction temperature Tj: 150°C or lower
The chip
’s junction temperature Tj can be considered as follows. (See the diagrams below for θja.)
Most heat loss in BD3531F occurs at the output N-channel FET. The lost power
is determined by multiplying the
voltage between IN and OUT by the output current. Since this IC is packaged for high-power applications, its thermal
derating characteristics significantly depend on the PCB. So when designing, the size of the PCB to be used should be
carefully considered.
Power dissipation (W) = {Input voltage (VVTT_IN)
– Output voltage (VVTT=1/2VVDDQ)} x IOUT (Ave)
For instance, VVTT_IN = 1.8V, VVDDQ=1.8V, and IOUT (Ave)=0.5A
The power dissipation is determined as follows:
 
 
 
 
 
W
4
.
0
A
5
.
0
V
9
.
0
V
8
.
1
W
n
dissipatio
Power
◎SOP8
(1) 70mm x 70mm x 1.6mm Glass-epoxy PCB
θj-c=181°C/W
(2) With no heat sink
θj-a=222°C/W
Ambient Temperature [Ta]
100°C
100
0.6
0
25
75
125
150
50
0.2
0.1
0
[°C]
0.4
0.5
0.3
[W]
(2) 0.56W
(1) 0.69W
0.7


Similar Part No. - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com