Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R38063MTRPBF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # R38063MTRPBF
Description  25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

R38063MTRPBF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button R38063MTRPBF Datasheet HTML 3Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 4Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 5Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 6Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 7Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 8Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 9Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 10Page - Infineon Technologies AG R38063MTRPBF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
IR38063
7
Rev 3.8
May 26, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT_SCALE_LOOP=1;
0.45V<VFB<0.75V
VOUT_SCALE_LOOP=1;
-2.0
+2.0
%
Supply Current
PVin range (using
external Vcc=5.1V)
1.2-
21
V
Vin range (using
internal LDO)
Fsw=600kHz
5.3-
21
V
Fsw=1.5MHz
5.5-
21
Vin range (when
Vin=Vcc)
4.5
5.1
5.5
V
Vin Supply Current
(Standby) (internal Vcc)
Iin(Standby)
Enable low, No Switching,
Vin=21V, low power mode
enabled
2.7
4
mA
Vin Supply Current
(Dyn)(internal Vcc)
Iin(Dyn)
Enable high, Fs = 600kHz,
Vin=21V
39
50
mA
VCC Supply Current
(Standby)(external Vcc)
Icc(Standby)
Enable low, No Switching,
Vcc=5.5V, low power mode
enabled
2.7
5
mA
VCC Supply Current
(Dyn)(external Vcc)
Icc(Dyn)
Enable high, Fs = 600kHz,
Vcc=5.5V
39
50
mA
Under Voltage Lockout
VCC
– Start –
Threshold
VCC_UVLO_Start
VCC Rising Trip Level
4.0
4.2
4.4
V
VCC
– Stop –
Threshold
VCC_UVLO_Stop
VCC Falling Trip Level
3.7
3.9
4.1
PVin-Start-Threshold
PVin_UVLO_Start
PVin Rising Trip Level
0.85
0.95
1.05
V
PVin-Stop-Threshold
PVin_UVLO_Stop
PVin Falling Trip Level
0.35
0.45
0.55
Enable
– Start –
Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
V
Enable
– Stop –
Threshold
Enable_UVLO_Stop
Supply ramping down
0.9
1.0
1.06
Enable leakage current
Ien
Enable=5.5V
1
uA
Oscillator
Rt current (analog mode
only)
Rt pin voltage < 1.1V
98
100
102
uA
Frequency Range
FS
Rt=1.54K
360
400
440
kHz
Rt=3.83K
540
600
660
Rt=11.8K
1350
1500
1650
Ramp Amplitude
Vramp
PVin=5V, D=Dmax, Note 2
0.71
Vp-p
PVin=12V, D=Dmax, Note 2
1.84


Similar Part No. - R38063MTRPBF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
R380.500.109 PULSE-R380.500.109 Datasheet
158Kb / 5P
   ANTENNAS
R380.500.125 PULSE-R380.500.125 Datasheet
779Kb / 5P
   Portable Radio Antennas
R380.900.323 PULSE-R380.900.323 Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
R380.900.334 PULSE-R380.900.334 Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
R380500109 PULSE-R380500109 Datasheet
503Kb / 3P
   All NMO mount antennas listed in this catalog section require the NMOHF-style
More results

Similar Description - R38063MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060_16 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.5 Feb 11, 2016
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38060 INFINEON-IR38060 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38064 INFINEON-IR38064 Datasheet
3Mb / 73P
   35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018
logo
International Rectifier
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
   Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
TDA38740 INFINEON-TDA38740 Datasheet
1Mb / 67P
   40/25A Single-voltage Synchronous Buck Regulator with PMBus Quality Requirement Category: Industrial
V2.2 2022-03-05
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com