Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAB182002FCV1R0XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTAB182002FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTAB182002FCV1R0XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTAB182002FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTAB182002FCV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
5 of 13
Rev. 04.1, 2016-06-09
PTAB182002FC
Reference Circuit
TL155
TL114
TL115
1
2
3
TL123
TL124
TL125
TL126
TL127
TL128
TL129
TL130
TL131
TL132
TL133
TL134
TL106
TL107 TL108
TL109
TL110
TL111
1
2
3
TL112
TL113
TL135
TL137
TL139
TL141
TL117
TL120
TL121
TL122
R101
50 Ohm
C106
24 pF
C107
24 pF
TL156
1
2
3
TL142
C104
24 pF
C105
24 pF
1
2
3
TL143
TL144
R102
10 Ohm
R103
10 Ohm
TL146
TL148
TL149
TL151
TL152
TL153
1
2
3
TL105
1
2
3
TL103
1
2
3
TL164
1
2
3
TL154
R104
1000 Ohm
TL158
TL160
TL161
C108
100000 pF
C110
100000000 pF
TL157
C109
10000000 pF
C102
100000000 pF
TL165
R105
1000 Ohm
TL101
C101
100000 pF
TL104
C103
10000000 pF
PORT
1
1
2
3
4
U1
1
2
3
TL162
1
2
3
TL159
1
2
3
TL163
1
2
3
TL102
TL116
TL145
TL136
TL147
TL140
TL138
TL118
TL119
TL150
b 1 8 2 0 0 2 f c - v 1 _ B D - i n _ 8 - 2 3 - 2 0 1 2
GATE DUT
(Pin G2)
GATE DUT
(Pin G1)
RF_IN
Reference circuit input schematic for ƒ = 1880 MHz
εr = 3.66
H = 30 mil
RO/RO4350


Similar Part No. - PTAB182002FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTAB182002FC CREE-PTAB182002FC Datasheet
569Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 190 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PTAB182002FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com