Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR38062 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IR38062
Description  15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR38062 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IR38062 Datasheet HTML 4Page - Infineon Technologies AG IR38062 Datasheet HTML 5Page - Infineon Technologies AG IR38062 Datasheet HTML 6Page - Infineon Technologies AG IR38062 Datasheet HTML 7Page - Infineon Technologies AG IR38062 Datasheet HTML 8Page - Infineon Technologies AG IR38062 Datasheet HTML 9Page - Infineon Technologies AG IR38062 Datasheet HTML 10Page - Infineon Technologies AG IR38062 Datasheet HTML 11Page - Infineon Technologies AG IR38062 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
IR38062
8
Rev 3.8
May 26, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
PVin=16V,D=Dmax, Note 2
2.46
Ramp Offset
Ramp (os)
Note 2
0.22
V
Min Pulse Width
Dmin (ctrl)
Note 2
35
50
ns
Fixed Off Time
Note 2 Fs=1.5MHz
100
150
ns
Max Duty Cycle
Dmax
Fs=400kHz
86.5
87.5
88.5
%
Sync Frequency Range
Note 2
225
1650
kHz
Sync Pulse Duration
100
200
ns
Sync Level Threshold
High
2.1
V
Low
1
Error Amplifier
Input Offset Voltage
Vos_Vp
VFb
– Vp, Vp = 0.5V
-1.5
+1.5
%
Input Bias Current
IFb(E/A)
-0.5
+0.5
µA
Input Bias Current
IVp(E/A)
0
4
µA
Sink Current
Isink(E/A)
0.6
1.1
1.8
mA
Source Current
Isource(E/A)
8
13
25
mA
Slew Rate
SR
Note 2
7
12
20
V/µs
Gain-Bandwidth
Product
GBWP
Note 2
20
30
40
MHz
DC Gain
Gain
Note 2
100
110
120
dB
Maximum Voltage
Vmax(E/A)
2.8
3.9
4.3
V
Minimum Voltage
Vmin(E/A)
100
mV
Common Mode Voltage
Vcm_Vp
Note 2
0
2.555
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
BW_RS
Note 2
3
6.4
MHz
DC Gain
Gain_RS
Note 2
110
dB
Offset Voltage
Offset_RS
0.5V<RS+<2.555V, 4kOhm
load
27
0C<Tj<850C
-1.6
0
1.6
mV
0.5V<RS+<2.555V, 4kOhm
load
-40
0C<Tj<1250C
-3
3
Source Current
Isource_RS
V_RSO=1.5V, V_RSP=4V
11
16
mA
Sink Current
Isink_RS
0.4
1
2
mA
Slew Rate
Slew_RS
Note 2, Cload = 100pF
2
4
8
V/µs
RS+ input impedance
Rin_RS+
36
55
74
Kohm
RS- input impedance
Rin_RS-
Note 2
36
55
74
Kohm
Maximum Voltage
Vmax_RS
V(VCC)
– V(RS+)
0.5
1
1.5
V
Minimum Voltage
Min_RS
4
20
mV


Similar Part No. - IR38062

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
More results

Similar Description - IR38062

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38060 INFINEON-IR38060_16 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.5 Feb 11, 2016
IR38063 INFINEON-IR38063 Datasheet
4Mb / 68P
   25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38060 INFINEON-IR38060 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
IR38064 INFINEON-IR38064 Datasheet
3Mb / 73P
   35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018
logo
International Rectifier
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
   Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com