Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3905 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS3905
Description  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3905 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS3905 Datasheet HTML 1Page - Dallas Semiconductor DS3905 Datasheet HTML 2Page - Dallas Semiconductor DS3905 Datasheet HTML 3Page - Dallas Semiconductor DS3905 Datasheet HTML 4Page - Dallas Semiconductor DS3905 Datasheet HTML 5Page - Dallas Semiconductor DS3905 Datasheet HTML 6Page - Dallas Semiconductor DS3905 Datasheet HTML 7Page - Dallas Semiconductor DS3905 Datasheet HTML 8Page - Dallas Semiconductor DS3905 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The DS3904/DS3905 contain three nonvolatile (NV) low
temperature coefficient, variable digital resistors. Each
resistor has 128 user-selectable positions. Additionally,
the DS3904/DS3905 have a high-impedance setting that
allows each resistor to function as a digital switch. The
DS3904/DS3905 can operate over a 2.7V to 5.5V supply
voltage range, and communication with the device is
achieved through a 2-wire serial interface. Address pins
allow multiple DS3904/DS3905s to operate on the same
two-wire bus. The DS3904 has one address pin, allow-
ing two DS3904s to share the bus, while the DS3905
has three address pins, allowing up to eight DS3905s to
share a common bus. The low-cost and small size of the
DS3904/DS3905 make them ideal replacements for con-
ventional mechanical trimming resistors.
Applications
Power-Supply Calibration
Cell Phones and PDAs
Fibre Optic Transceiver Modules
Portable Electronics
Small and Low-Cost Replacement for
Conventional Mechanical Trimming Resistors/
Dip Switches
Test Equipment
Features
♦ Three 20kΩ, 128-Position Linear Digital Resistors
♦ Resistor Settings are Stored in NV Memory
♦ Each Resistor has a High-Impedance Setting for
Switch Operation to Control Digital Logic
♦ Low Temperature Coefficient
♦ 2-Wire Serial Interface
♦ 2.7V to 5.5V Operating Range
♦ -40°C to +85°C Industrial Temperature
♦ Packaging: 8-Pin µSOP for DS3904, 10-pin µSOP
for DS3905
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________ Maxim Integrated Products
1
8
6
5
1
3
4
SDA
TOP VEIW
A0
7
2
SCL
H0
H1
H2
µSOP
VCC
GND
DS3904
10
1
A1
A2
9
2
SDA
A0
µSOP
8
3H0
SDL
7
4
H1
VCC
6
5
H2
GND
DS3905
Pin Configurations
0.1
µF
4.7k
2-WIRE
MASTER
VCC
VCC
H0
H1
H2
RHIZ
R10
VCC
SCL
SDA
(DS3905 ONLY)
A1
A2
RESISTOR 0
20k
ADDR F8h
RESISTOR 1
20k
ADDR F9h
RESISTOR 2
20k
ADDR FAh
A0
GND
4.7k
VARIABLE RESISTANCE
FOR ADJUSTABLE
CURRENT SOURCE
INTERFACE EXAMPLES
2-WIRE
ADDRESSABLE
SWITCH (USING 00h
AND RHIZ SETTINGS)
GAIN
CONTROL
VIN
DS3904/DS3905
VCC
RHIZ
RHIZ
R11
DIGITAL
LOGIC
R12
Typical Operating Circuit
Ordering Information
Rev 1; 8/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
RESISTANCE
DS3904U-020
-40
°C to +85°C 8 µSOP
20k
Ω + Hi-Z
DS3905U-020
-40
°C to +85°C 10 µSOP
20k
Ω + Hi-Z


Similar Part No. - DS3905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3905 MAXIM-DS3905 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3905U-020 MAXIM-DS3905U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

Similar Description - DS3905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com