Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAC260302FCV1R0XTMA1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTAC260302FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTAC260302FCV1R0XTMA1 Datasheet(HTML) 9 Page - Infineon Technologies AG

  PTAC260302FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
(highpowerRF@infineon.com)
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
Data Sheet
9 of 9
Rev. 04, 2016-06-21
Edition 2016-06-21
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2012 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the
application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written approval of In-
fineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device
or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be
implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.
PTAC260302FC V1
Revision History
Revision Date
Data Sheet
Page
Subjects (major changes since last revision)
01
2012-03-05
Advance
all
New product, proposed only.
02
2012-11-28
Advance
1,3
2
Updated package and Package Outline.
Updated Pinout Diagram.
03
2014-02-12
Production
all
3 – 7
Product released to production. All information updated.
Performance graphs, load pull and circuit information added.
04
2016-06-21
Production
1
2
Updated ESD rating
Maximum junction temperature raised to 225°C, updated ordering info.


Similar Part No. - PTAC260302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTAC260302FC CREE-PTAC260302FC Datasheet
636Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 28 V, 2620 ??2690 MHz
More results

Similar Description - PTAC260302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com