Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A126W Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5A126W
Description  Dual, Wide Bandwidth Analog Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A126W Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5A126W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A126W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A126W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A126W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A126W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A126W Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS8328C
01/12/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A126/PI5A127
Dual,Wide Bandwidth Analog Switch
Test Circuits/Timing Diagrams (continued)
Figure 3. Off Isolation
Figure 5. Channel-Off Capacitance
Figure 4. Crosstalk
Figure 6. Channel-On Capacitance
Figure 7. Bandwidth
V+
+5V
Analyzer
COM
IN
10nF
Signal
Generator
0dBm
GND
50
50
9
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
N
/
Pe
g
a
k
c
a
P
W
6
2
1
A
5
I
P8
-
C
I
O
S
w
o
r
r
a
N
X
U
6
2
1
A
5
I
P8
-
P
O
S
M
W
7
2
1
A
5
I
P8
-
C
I
O
S
w
o
r
r
a
N
X
U
7
2
1
A
5
I
P8
-
P
O
S
M


Similar Part No. - PI5A126W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A121CEX PERICOM-PI5A121CEX Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A121CX PERICOM-PI5A121CX Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A121TEX PERICOM-PI5A121TEX Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A121TX PERICOM-PI5A121TX Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
More results

Similar Description - PI5A126W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com