Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6153A Datasheet(PDF) 4 Page - Keysight Technologies

Part # N6153A
Description  DVB-T/H with T2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6153A Datasheet(HTML) 4 Page - Keysight Technologies

  N6153A Datasheet HTML 1Page - Keysight Technologies N6153A Datasheet HTML 2Page - Keysight Technologies N6153A Datasheet HTML 3Page - Keysight Technologies N6153A Datasheet HTML 4Page - Keysight Technologies N6153A Datasheet HTML 5Page - Keysight Technologies N6153A Datasheet HTML 6Page - Keysight Technologies N6153A Datasheet HTML 7Page - Keysight Technologies N6153A Datasheet HTML 8Page - Keysight Technologies N6153A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
04 | Keysight | N6153A & W6153A DVB-T/H with T2 X-Series Measurement Application - Technical Overview
Digital video broadcasting-terres-
trial/handheld (DVB-T/H) is the Eu-
ropean-based consortium standard
for broadcast transmission of digital
terrestrial/handheld television.
DVB-T
DVB-T is a flexible system that al-
lows networks to be designed for
the delivery of compressed digital
audio, video, and other data in an
MPEG transport stream using OFDM
modulation with concatenated chan-
nel coding (i.e. COFDM). It is the most
widely adopted digital terrestrial
television broadcasting standard in
the world and is deployed in more
than 30 countries.
In DVB-T, the use of OFDM modula-
tion with appropriate guard interval
allows optimal tradeoff between
network topology and frequency
efficiency. The capacity for hierar-
chical modulation can enable two
completely separate data streams to
transmit in a single signal which can
be used to trade off bit rate versus
ruggedness. DVB-T has the following
technical characteristics that make it
a very flexible system.
DVB-H
DVB-H is an extension of the DVB-T
standard, which takes into account
the handheld receiver’s specific
properties such as the small size,
light weight, portability, and battery
operation.
DVB-H uses a time slicing technique
which results in a large battery power
saving effect, and introduces a multi-
protocol encapsulation forward error
correction (MPE-FEC) scheme for
reliable transmission in poor signal
reception conditions. A transmission
mode of 4k is defined in DVB-H to
offer a tradeoff between the trans-
mission cell size and mobile reception
capabilities.
The complexity of the DVB-T/H stan-
dards demands flexibility and excel-
lent modulation analysis for system
development and evaluation.
DVB-T2
The DVB-T2 standard, defined in
ETSI EN 302 755, is an extension of
the existing DVB-T standard, aim-
ing to provide a minimum of 30%
capacity increase over the DVB-T,
improving single-frequency-network
(SFN) performance, service specific
robustness, better error correction
ability, and bandwidth and frequency
flexibility.
A new technology, called Rotated
Constellation, is used and provides
significant additional robustness in
difficult channels. DVB-T2 defines
two modes: Mode A (single PLP) and
Mode B (multi-PLPs). A multi-PLPs
mechanism is provided to separately
adjust the robustness of each deliv-
ery service within a channel to meet
the required reception conditions.
Furthermore, a receiver can save
power by decoding only a single ser-
vice rather than the entire multiplex
of service.
Table 1. Key parameters in DVB-T, DVB-H, and DVB-T2 standards
DVB-T
DVB-H
DVB-T2
Frequency
VHF-III (170 to 230 MHz)
UHF-IV/V (470 to 862 MHz)
VHF-III (170 to 230 MHz)
UHF-IV/V (470 to 862 MHz)
L (1.452 to 1.492 GHz)
VHF-III (170 to 230 MHz)
UHF-IV/V (470 to 862 MHz)
Bandwidth
5, 6, 7, 8 MHz
5, 6, 7, 8 MHz
1.7, 5, 6, 7, 8, 10 MHz
Modulation
OFDM
OFDM
OFDM
FFT size
2K, 8K
2K, 4K, 8K
1K, 2K, 4K, 8K, 16K, 32K
Modulation format
QPSK/16QAM/64QAM
QPSK/16QAM/64QAM
QPSK,16/64/256QAM
Guard interval
1 /4, 1 /8, 1/16, 1/32
1 /4, 1 /8, 1/16, 1/32
1 /4, 19/256, 1 /8, 19/128, 1/16,
1/32, 1/128
FEC
Convolution + Reed Solomon
1 /2, 2/3, 3 /4, 5/6, 7 /8
Convolution + Reed Solomon
1 /2, 2/3, 3 /4, 5/6, 7 /8,
and MPE-FEC
LDPC+BCH
1 /2, 3/5/, 2/3, 3 /4, 4/5, 5/6
Constellation rotation
No
No
Yes
MIMO Support
SISO
SISO
SISO, MISO
Stream
MPEG-2 TS
DVB-IPDC and MPEG-2 TS
TS, GSE, GCS, or GFPS
Bit rate
4.976 ~ 31.668 Mb/s
4.976 ~ 31.668 Mb/s
Up to 50.34 Mb/s
Other
Time slicing
DVB-T/H Standards Overview


Similar Part No. - N6153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
N6155A KEYSIGHT-N6155A Datasheet
2Mb / 16P
   N6155A & W6155A
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6158A KEYSIGHT-N6158A Datasheet
2Mb / 13P
   N6158A & W6158A
More results

Similar Description - N6153A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIH251 STMICROELECTRONICS-STIH251 Datasheet
79Kb / 4P
   Advanced STB decoder with integrated DVB-T2 and DVB-T demodulator
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI21682-D60 SILABS-SI21682-D60 Datasheet
162Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
SI2162-C60 SILABS-SI2162-C60 Datasheet
145Kb / 2P
   DVB-T2/C2/T/C Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21682-D60 SKYWORKS-SI21682-D60 Datasheet
172Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
November 17, 2021
SI2162-C60 SKYWORKS-SI2162-C60 Datasheet
162Kb / 2P
   DVB-T2/C2/T/C Digital TV Demodulator
November 25, 2021
logo
EPCOS
B8766 EPCOS-B8766 Datasheet
76Kb / 9P
   SAW band-stop filter DVB-H / DVB-T / ISDB-TB
logo
Silicon Laboratories
SI2182-B60 SILABS-SI2182-B60 Datasheet
165Kb / 2P
   ISDB-T and DVB-T2/S2/S2X/T/C/S Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com