Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6152A Datasheet(PDF) 3 Page - Keysight Technologies

Part # N6152A
Description  X-Series Measurement Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6152A Datasheet(HTML) 3 Page - Keysight Technologies

  N6152A Datasheet HTML 1Page - Keysight Technologies N6152A Datasheet HTML 2Page - Keysight Technologies N6152A Datasheet HTML 3Page - Keysight Technologies N6152A Datasheet HTML 4Page - Keysight Technologies N6152A Datasheet HTML 5Page - Keysight Technologies N6152A Datasheet HTML 6Page - Keysight Technologies N6152A Datasheet HTML 7Page - Keysight Technologies N6152A Datasheet HTML 8Page - Keysight Technologies N6152A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
The digital cable TV measurement
application includes three standards of
digital video broadcasting over cable:
DVB-C (J.83 Annex A), J.83 Annex B,
and J.83 Annex C.
DVB-C (J.83 Annex A)
DVB-C is the DVB European con-
sortium standard for the broadcast
transmission of digital television over
cable, mainly used in Europe and Asia
with 8 MHz bandwidth.
J.83 Annex B (DOCSIS DS)
J.83/B, widely used in North America
as digital television over cable and the
same as the DOCSIS DS physical layer,
has a greater difference in FEC coding
and occupies a bandwidth of 6 MHz.
J.83 Annex C (ISDB-C)
J.83/C, mainly used in Japan as digital
television over cable and also called
ISDB-C, has identical structure as
DVB-C, except for the channel band-
width (6 MHz for J.83/C and 8 MHz
for DVB-C) and roll-off factor of the
baseband filter.
Table 1. Key parameters in digital cable TV standards
J.83 Annex A (DVB-C)
J.83 Annex B (DOSSIS DS)
J.83 Annex C (ISDB-C)
Frequency
VHF, UHF
VHF, UHF
VHF, UHF
Bandwidth
8 MHz
6 MHz
6 MHz
Modulation
16QAM, 32QAM,
64QAM, 128QAM,
256QAM
64QAM, 256QAM,
1024QAM
16QAM, 32QAM, 64QAM,
128QAM, 256QAM
Randomization
Polynomial for PRBS
1 + x14 + x15
Polynomial for PRBS
3-word polynomial for PRBS
x3 + x + α3 over GF (128), where
α7 3 +1 = 0
Polynomial for PRBS
1 + x14 + x15
FEC
RS (204,188) over GF (256)
RS (128,122) over GF (128)
concatenated with
convolutional coding
RS (204,188) over GF (256)
Trellis coding
No
Yes
No
Interleaving
Convolutional interleaving, depth:
I = 12
Convolutional interleaving, depth:
I = 128, 64, 32,16, 8
J = 1, 2, 3, 4, 5, 6, 7, 8, 16
Convolutional interleaving, depth:
I = 12
Roll-off factor
0.15
0.18 for 64QAM,
0.12 for 256QAM, 1024QAM
0.13
Stream
MPEG-2 TS
Modified MPEG-2 TS, with
the sync byte replaced by a
parity checksum
MPEG-2 TS
Digital Cable TV Standards Overview


Similar Part No. - N6152A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6153A KEYSIGHT-N6153A Datasheet
1Mb / 15P
   DVB-T/H with T2
N6155A KEYSIGHT-N6155A Datasheet
2Mb / 16P
   N6155A & W6155A
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6158A KEYSIGHT-N6158A Datasheet
2Mb / 13P
   N6158A & W6158A
More results

Similar Description - N6152A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6153A KEYSIGHT-W6153A Datasheet
1Mb / 15P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9071A KEYSIGHT-N9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com