Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA080551FV4R0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA080551FV4R0
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA080551FV4R0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA080551FV4R0 Datasheet HTML 3Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 4Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 5Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 6Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 7Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 8Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 9Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 10Page - Infineon Technologies AG PTFA080551FV4R0 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
9 of 11
Rev. 04.1, 2016-06-16
PTFA080551E
PTFA080551F
Confidential, Limited Internal Distribution
CL
L
C
D
G
S
0.0381 [.0015] -A-
2X 7.11
[.280]
LID
10.16±.25
[.400±.010]
15.49±.51
[.610±.020]
FLANGE
9.78
[.385]
15.23
[.600]
4X R1.52
[R.060]
2X R1.52
[R.060]
45° X 2.03
[.080]
2.66±.51
[.105±.020]
20.31
[.800]
10.16±.25
[.400±.010]
3.61±.38
[.142±.015]
SPH 1.57
[.062]
6.
6.
ALL FOUR
CORNERS
4X R0.63
[R.025] MAX
C66065-A2326-C001-01-0027 H-36265-2.dwg
3.05
[.120]
1.02
[.040]
Diagram Notes—unless otherwise specified:
1.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
2.
Primary dimensions are mm. Alternate dimensions are inches.
3.
All tolerances ± 0.127 [.005] unless specified otherwise.
4.
Pins: D = drain, S = source, G = gate.
5.
Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
6.
Exposed metal plane on top and bottom of ceramic insulator.
7.
Gold plating thickness:
S, D, G - flange & leads: 1.14 ± 0.38 micron [45 ± 15 microinch]
Package Outline Specifications
Package H-36265-2


Similar Part No. - PTFA080551FV4R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551F INFINEON-PTFA080551F Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
More results

Similar Description - PTFA080551FV4R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com