Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA092201FV4R250XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA092201FV4R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA092201FV4R250XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA092201FV4R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFA092201FV4R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PTFA092201E
PTFA092201F
Data Sheet
5 of 11
Rev. 03.2, 2016-06-21
IS-95 CDMA Performance
VDD = 30 V, IDQ = 1850 mA, ƒ = 960 MHz
0
10
20
30
40
25
30
35
40
45
50
Output Power, Avg. (dBm)
-80
-70
-60
-50
-40
Efficiency
Adj 750 kHz
Alt1 1.98 MHz
Output Power vs. Supply Voltage
IDQ = 1850 mA, ƒ = 960 MHz
51
52
53
54
55
24
26
28
30
32
34
36
Supply Voltage (V)
Intermodulation Distortion vs. Output Power
(high gain tune)
VDD = 30 V, IDQ = 2000 mA, ƒ1 = 859, ƒ2 = 960 MHz
-80
-70
-60
-50
-40
-30
-20
30
35
40
45
50
55
Output Power, PEP (dBm)
3rd Order
5th
7th
Typical Performance (cont.)
Intermodulation Distortion vs. Output Power
VDD = 30 V, IDQ = 1850 mA, ƒ1 = 960, ƒ2 = 959 MHz
-80
-70
-60
-50
-40
-30
-20
30
35
40
45
50
55
Output Power, PEP (dBm)
3rd Order
5th
7th


Similar Part No. - PTFA092201FV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA092201F INFINEON-PTFA092201F Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA092201FV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com