Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA180701EV4R250XTMA1 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFA180701EV4R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA180701EV4R250XTMA1 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFA180701EV4R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFA180701EV4R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PTFA180701E
PTFA180701F
Data Sheet
10 of 11
Rev. 03.2, 2016-06-21
Package Outline Specifications (cont.)
Package H-37265-2
Diagram Notes—unless otherwise specified:
1. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
2. All tolerances ± 0.127 [.005] unless specified otherwise.
3. Pins: D = drain, S = source, G = gate.
4. Interpret dimensions and tolerances per ASME Y14.5M-1994.
5. Primary dimensions are mm. Alternate dimensions are inches.
6. Gold plating thickness:
S, D, G - flange & leads: 1.14 ± 0.38 micron [45 ± 15 microinch]
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products
071119_h-36+37265_POs_h-37265-2
(45° X 2.03
[.080])
2.59±0.51
[.102±.020]
S
D
G
LID 10.16±0.25
[.400±.010]
FLANGE 10.16
[.400]
2X 7.11
[.280]
LID
10.16±0.25
[.400±.010]
10.16
[.400]
1.02
[.040]
3.56±.38
[.140±.015]
SPH 1.57
[.062]
10.16
[.400]
15.34±.51
[.604±.020]
FLANGE
4X R0.63
[R.025] MAX
|0.025 [.001]|-A-
CL
CL


Similar Part No. - PTFA180701EV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA180701EV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com