Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB090901EAV2R250XTMA1 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB090901EAV2R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB090901EAV2R250XTMA1 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB090901EAV2R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 13Page - Infineon Technologies AG PTFB090901EAV2R250XTMA1 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PTFB090901EA
PTFB090901FA
Data Sheet
10 of 14
Rev. 05.2, 2016-06-09
R803
RF_IN
C212
C208
C213
C214
C203
C215
R804
R801
C802
C804
S1
S3
S2
C805
C205 C206
C211
10
µF
10 µF
10 µF
10
µF
RF_OUT
R802
C101
C106
C107
C104
C109
C103
C108
C105
C803
C102
R805
R103
C207
R102
C801
R101
C204
C201
C210
C216
C202
C209
b 090901 ef a - v1 _C D _1- 27 - 2012
VDD
VDD
PTFB090901_IN_01 R04350, .020 (62)
PTFB090901_OUT_01 R04350, .020 (62)
VDD
Reference Circuit (cont.)
Reference circuit assembly diagram (not to scale)
Component ID
Description
Manufacturer
P/N
Input
C101
Chip capacitor, 33 pF
ATC
100B330FW500XB
C102
Chip capacitor, 10000 pF
ATC
200B103MW
C103
Chip capacitor, 4.7 pF
ATC
100B4R7BW500XB
C104
Chip capacitor, 4.7 µF
Nichicon
F931C475MAA
C105
Chip capacitor, 10000 pF
ATC
200B103MW
C106, C107
Chip capacitor, 4.8 pF
ATC
100B4R8BW500XB
C108
Chip capacitor, 1.5 pF
ATC
100B1R5BW500XB
C109
Chip capacitor, 8.2 pF
ATC
100B8R2BW500XB
C801, C804
Chip capacitor, 0.1 µF
Panasonic Electronic Components
ECJ-3VB1H104K
C802, C803, C805
Chip capacitor, 1,000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R801
Resistor, 1.0k
W
Panasonic Electronic Components
ERJ-8GEYJ102V
R802
Resistor, 1.3k
W
Panasonic Electronic Components
ERJ-8GEYJ132V
R803
Resistor, 1.2k
W
Panasonic Electronic Components
ERJ-8GEYJ122V
R804, R805
Resistor, 10
W
Panasonic Electronic Components
ERJ-8GEYJ100V
table cont. next page


Similar Part No. - PTFB090901EAV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB090901EAV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com