Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB090901EAV2R0XTMA1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PTFB090901EAV2R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB090901EAV2R0XTMA1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PTFB090901EAV2R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 13Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
11 of 14
Rev. 05.2, 2016-06-09
PTFB090901EA
PTFB090901FA
Component ID
Description
Manufacturer
P/N
Input (cont.)
S1
Transistor
Fairchild Semiconductor
BCP56
S2
Potentiometer, 2k
W
Bourns Inc.
3224W-1-202E
S3
Voltage Regulator
National Semiconductor
LM7805
Output
C201
Chip capacitor, 1 pF
ATC
100B0R9BW500XB
C202, C207, C215,
Chip capacitor, 1.0 µF
ATC
281M5002106K
C216
C203, C213
Chip capacitor, 0.1 µF
Panasonic Electronic Components
ECJ-3VB1H104K
C204, C212
Chip capacitor, 1 µF
AVX Corporation
2225PC105KAT1A
C205, C209
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C206, C208
Chip capacitor, 33 pF
ATC
100B330JW500XB
C210, C211
Chip capacitor, 3 pF
ATC
100B2R5BW500XB
C214
Chip capacitor, 33 pF
ATC
100B330FW500XB
See next page for package outline
Reference Circuit (cont.)


Similar Part No. - PTFB090901EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB090901EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com