Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB090901EAV2R0XTMA1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFB090901EAV2R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB090901EAV2R0XTMA1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFB090901EAV2R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB090901EAV2R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PTFB090901EA
PTFB090901FA
Data Sheet
4 of 14
Rev. 05.2, 2016-06-09
30
40
50
60
-35
-25
Two-tone Drive-up
VDD = 28 V, IDQ = 650 mA,
ƒ1 = 960 MHz, ƒ2 = 959 MHz
3rd Order IMD
0
10
20
-55
-45
33
36
39
42
45
48
51
Output Power, PEP (dBm)
Efficiency
b090901 gr 8
Typical Performance (cont.)
30
40
50
60
70
18
19
20
21
22
CW Power Sweep
VDD = 30 V, IDQ = 650 mA, ƒ = 960 MHz
Gain
Effi i
0
10
20
30
15
16
17
18
34
38
42
46
50
Output Power, Avg. (dBm)
Efficiency
b090901 gr 7
-30
-20
-10
0
30
40
50
60
Single-carrier WCDMA Broadband
VDD = 28 V, IDQ = 620 mA, POUT = 28 W,
3GPP WCDMA signal
IML3
Efficiency
IRL
-50
-40
10
20
810
855
900
945
990
1035 1080
Frequency (MHz)
Gain
b090901 gr 6
30
40
50
60
19
20
21
22
Two-tone Drive-up
VDD = 30 V, IDQ = 650 mA,
ƒ1 = 960 MHz, ƒ2 = 959 MHz
Gain
Efficiency
0
10
20
16
17
18
33
36
39
42
45
48
51
Output Power, PEP (dBm)
y
b090901 gr 9


Similar Part No. - PTFB090901EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB090901EA INFINEON-PTFB090901EA Datasheet
226Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23
logo
Cree, Inc
PTFB090901EA CREE-PTFB090901EA Datasheet
710Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB090901EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com