Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB072707FHV1R250 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB072707FHV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB072707FHV1R250 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB072707FHV1R250 Datasheet HTML 2Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB072707FHV1R250 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTFB072707FH
Data Sheet
6 of 10
Rev. 02.1, 2016-06-15
Broadband Circuit Impedance
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
700
0.29
–0.64
0.80
–1.52
710
0.29
–0.57
0.81
–1.45
720
0.28
–0.51
0.82
–1.39
730
0.28
–0.44
0.83
–1.33
740
0.28
–0.38
0.84
–1.27
750
0.28
–0.32
0.85
–1.22
760
0.28
–0.25
0.86
–1.17
770
0.27
–0.19
0.88
–1.11
780
0.27
–0.13
0.89
–1.07
790
0.27
–0.06
0.89
–1.02
800
0.27
0.00
0.90
–0.97
Pulsed CW signal: 10 μsec, 10% duty cycle, 28 V, 2.0 A
P1dB
Class AB
Max Output Power
Max PAE
Freq
(MHz)
Zs
(
W)
Zl
(
W)
Gain
(dB)
POUT
(dBm)
POUT
(W)
PAE
(%)
Zl
(
W)
Gain
(dB)
POUT
(dBm)
POUT
(W)
PAE
(%)
728
0.54 – jj0.91
0.80 – j1.14
16.19
55.90
389
52.0
2.42 – j0.70
19.91
53.47
222
66.5
750
0.52 – j0.92
0.81 – j1.10
16.23
55.70
372
51.6
2.22 – j1.03
19.06
53.48
223
64.1
758
0.44 – j0.80
0.82 – j1.08
16.97
55.66
368
52.2
2.41 – j0.72
19.97
53.16
208
66.2
778
0.44 – j0.93
0.84 – j1.12
17.00
55.39
346
50.5
2.37 – j0.39
20.10
52.61
182
64.4
803
0.50 – j0.90
0.83 – j1.07
16.92
55.37
344
51.9
2.54 – j0.04
20.33
52.00
158
66.5
Pulsed CW signal: 10 μsec, 10% duty cycle, 28 V, 2.0 A
P3dB
Class AB
Max Output Power
Max PAE
Freq
(MHz)
Zs
(
W)
Zl
(
W)
Gain
(dB)
POUT
(dBm)
POUT
(W)
PAE
(%)
Zl
(
W)
Gain
(dB)
POUT
(dBm)
POUT
(W)
PAE
(%)
728
0.54 – j0.91
0.81 – j1.26
17.86
56.52
449
55.4
2.42 – j0.76
14.21
53.93
247
65.8
750
0.52 – j0.92
0.81 – j1.21
17.03
56.37
433
54.7
2.20 – j1.09
14.22
54.13
259
65.6
758
0.44 – j0.80
0.85 – j1.22
17.68
56.37
433
56.8
2.21 – j1.03
15.07
54.06
255
66.3
778
0.44 – j0.93
0.87 – j1.23
17.74
56.13
410
54.4
2.16 – j1.01
15.08
54.05
254
66.4
803
0.50 – j0.90
0.88 – j1.30
18.33
56.07
404
55.1
2.54 – j0.04
14.97
52.65
183
67.2
Z Source
Z Load
G
S
D
Load Pull Performance


Similar Part No. - PTFB072707FHV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB072707FH CREE-PTFB072707FH Datasheet
699Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 728 ??768 MHz
More results

Similar Description - PTFB072707FHV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com