Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA092201EF Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFA092201EF
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA092201EF Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFA092201EF Datasheet HTML 1Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 2Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 3Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 4Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 5Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 6Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 7Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 8Page - Infineon Technologies AG PTFA092201EF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PTFA092201E
PTFA092201F
Data Sheet
1 of 11
Rev. 03.2, 2016-06-21
All published data at TCASE = 25 °C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Description
The PTFA092201E and PTFA092201F are 220-watt, internally-
matched LDMOS FETs intended for EDGE and WCDMA applications
in the 920 to 960 MHz band. Manufactured with Infineon's advanced
LDMOS process, these devices provide excellent thermal
performance and superior reliability.
PTFA092201E
Package H-36260-2
Thermally-Enhanced High Power RF LDMOS FETs
220 W, 920 – 960 MHz
2-Carrier WCDMA Performance
VDD = 30 V, IDQ = 1850 mA, ƒ = 960 MHz, 3GPP WCDMA
signal, P/A R = 8.1 dB, 10 MHz carrier spacing,
3.84 MHz bandwidth
0
10
20
30
40
50
60
30
35
40
45
50
Output Power, Avg. (dBm)
-60
-55
-50
-45
-40
-35
-30
IMD
ACPR
Gain
Efficiency
RF Characteristics
Two-carrier WCDMA Measurements (not subject to production test—verified by design/characterization in Infineon test
fixture)
VDD = 30 V, IDQ = 1850 mA, POUT = 55 W average
ƒ1 = 950 MHz, ƒ2 = 960 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 8.1 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Intermodulation Distortion
IMD
–37
dBc
Gain
Gps
18.5
dB
Drain Efficiency
ηD
30
%
PTFA092201F
Package H-37260-2
Features
• Pb-free, RoHS-compliant and thermally-enhanced
packages
• Broadband internal matching
• Typical two-carrier WCDMA performance at
960 MHz, 30 V
- Average output power = 55 W
- Linear Gain = 18.5 dB
- Efficiency = 30%
- Intermodulation distortion = –37 dBc
- Adjacent channel power = –39 dBc
• Typical CW performance, 960 MHz, 30 V
- Output power at P–1dB = 250 W
- Gain = 17.5 dB
- Efficiency = 59%
• Integrated ESD protection: Human Body Model,
Class 2 (minimum)
• Excellent thermal stability, low HCI drift
• Capable of handling 10:1 VSWR @ 30 V,
220 W (CW) output power
*See Infineon distributor for future availability.


Similar Part No. - PTFA092201EF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA092201EF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com