Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB072707FH Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFB072707FH
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB072707FH Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFB072707FH Datasheet HTML 2Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 3Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 4Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 5Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 6Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 7Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 8Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 9Page - Infineon Technologies AG PTFB072707FH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
9 of 10
Rev. 02.1, 2016-06-15
PTFB072707FH
Package Outline Specifications
Package H-34288G-4/2
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm; alternate dimensions are inches.
3. All tolerances ± 0.127 [.005].
4. Pins: D - drain; G - gate; S (flange) - source; V - VDD.
5. Lead thickness: 0.10 + 0.051/–0.025 [.005 +.002/–.001].
6. Gold plating thickness: 0.25 micron [10 microinch] max.
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source; V – V
DD.
5. Lead thickness: 0.10 + 0.051/-0.025 mm [.005 +0.002/-0.001 inch].
6. Gold plating thickness: 0.25 micron [10 microinch] max.
2X 2.29
[.090]
1.98
[.078]
21.72
[.855]
2X
30.0°
4X R0.51+.38
-.13
[R.020+.015
-.005 ]
2X 17.75
[.699]
CL
CL
CL
45° x .64
[.025]
G
D
V
V
16.76±0.51
[.660±.020]
9.78
[.385]
4X 3.49±0.51
[.138±.020]
CL
9.40
[.370]
D
4.04+0.25
-0.13
[.159+.010
-.005 ]
SPH 1.57
[.062]
1.02
[.040]
23.11
[.910]
S
22.35±0.20
[.880±.008]
H-34288G-4/2_sl_po_03_08-08-2013


Similar Part No. - PTFB072707FH

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB072707FH CREE-PTFB072707FH Datasheet
699Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 728 ??768 MHz
More results

Similar Description - PTFB072707FH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com